Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT88RF04C Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT88RF04C
Description  CryptoRF Specification
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88RF04C Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT88RF04C Datasheet HTML 17Page - ATMEL Corporation AT88RF04C Datasheet HTML 18Page - ATMEL Corporation AT88RF04C Datasheet HTML 19Page - ATMEL Corporation AT88RF04C Datasheet HTML 20Page - ATMEL Corporation AT88RF04C Datasheet HTML 21Page - ATMEL Corporation AT88RF04C Datasheet HTML 22Page - ATMEL Corporation AT88RF04C Datasheet HTML 23Page - ATMEL Corporation AT88RF04C Datasheet HTML 24Page - ATMEL Corporation AT88RF04C Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 158 page
background image
AT88SC0808/1616/3216/6416CRF, AT88RF04C
21
5276C–RFID–3/09
6.2.
Set User Zone Command [$c1]
The Set User Zone command selects the user memory area to be addressed by the Read User Zone and Write User
Zone commands.
Reader
PICC
Command >
CID
$1
PARAM
CRC1
CRC2
Echo Response >
CID
$1
ACK/NACK
STATUS
CRC1
CRC2
6.2.1.
Operation
Before reading and writing data to the user memory, the host must select a User Zone with this command. Only one
User Zone may be selected at a time. At the time the zone is selected the host also chooses whether anti-tearing is
active for the selected zone. If anti-tearing is activated, then all writes to the User Zone will utilize anti-tearing until a
new Set User Zone command is received. Only PICCs in the Active State are permitted to answer this command.
6.2.2.
Command Field Description
CID
:
The Card ID assigned by the ATTRIB command.
PARAM
:
Selects the User Zone and sets anti-tearing on or off.
Table 16.
Definition of the PARAM byte of the Set User Zone command
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
AT
0
0
0
User Zone
Table 17.
Coding of the Anti-Tearing Select bit within the PARAM byte
Bit 7
Write User Zone
0
Normal Write Enabled
1
Anti-Tearing Write Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com