Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny45-15ST1 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATtiny45-15ST1
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny45-15ST1 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATtiny45-15ST1 Datasheet HTML 9Page - ATMEL Corporation ATtiny45-15ST1 Datasheet HTML 10Page - ATMEL Corporation ATtiny45-15ST1 Datasheet HTML 11Page - ATMEL Corporation ATtiny45-15ST1 Datasheet HTML 12Page - ATMEL Corporation ATtiny45-15ST1 Datasheet HTML 13Page - ATMEL Corporation ATtiny45-15ST1 Datasheet HTML 14Page - ATMEL Corporation ATtiny45-15ST1 Datasheet HTML 15Page - ATMEL Corporation ATtiny45-15ST1 Datasheet HTML 16Page - ATMEL Corporation ATtiny45-15ST1 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 196 page
background image
13
7598H–AVR–07/09
ATtiny25/45/85
When using the SEI instruction to enable interrupts, the instruction following SEI will be exe-
cuted before any pending interrupts, as shown in this example.
4.8.1
Interrupt Response Time
The interrupt execution response for all the enabled AVR interrupts is four clock cycles mini-
mum. After four clock cycles the Program Vector address for the actual interrupt handling routine
is executed. During this four clock cycle period, the Program Counter is pushed onto the Stack.
The vector is normally a jump to the interrupt routine, and this jump takes three clock cycles. If
an interrupt occurs during execution of a multi-cycle instruction, this instruction is completed
before the interrupt is served. If an interrupt occurs when the MCU is in sleep mode, the interrupt
execution response time is increased by four clock cycles. This increase comes in addition to the
start-up time from the selected sleep mode.
A return from an interrupt handling routine takes four clock cycles. During these four clock
cycles, the Program Counter (two bytes) is popped back from the Stack, the Stack Pointer is
incremented by two, and the I-bit in SREG is set.
5.
AVR ATtiny25/45/85 Memories
This section describes the different memories in the ATtiny25/45/85. The AVR architecture has
two main memory spaces, the Data memory and the Program memory space. In addition, the
ATtiny25/45/85 features an EEPROM Memory for data storage. All three memory spaces are lin-
ear and regular.
5.1
In-System Re-programmable Flash Program Memory
The ATtiny25/45/85 contains 2/4/8K byte On-chip In-System Reprogrammable Flash memory
for program storage. Since all AVR instructions are 16 or 32 bits wide, the Flash is organized as
1024/2048/4096 x 16.
The Flash memory has an endurance of at least 10,000 write/erase cycles. The ATtiny25/45/85
Program Counter (PC) is 10/11/12 bits wide, thus addressing the 1024/2048/4096 Program
memory locations. “Memory Programming” on page 134 contains a detailed description on Flash
data serial downloading using the SPI pins.
Constant tables can be allocated within the entire Program memory address space (see the
LPM – Load Program memory instruction description).
Timing diagrams for instruction fetch and execution are presented in “Instruction Execution Tim-
ing” on page 11.
Assembly Code Example
sei
; set Global Interrupt Enable
sleep
; enter sleep, waiting for interrupt
; note: will enter sleep before any pending
; interrupt(s)
C Code Example
_SEI(); /* set Global Interrupt Enable */
_SLEEP(); /* enter sleep, waiting for interrupt */
/* note: will enter sleep before any pending interrupt(s) */



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com