Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-ESMZ Datasheet(PDF) 242 Page - ATMEL Corporation

Part # ATtiny167-ESMZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESMZ Datasheet(HTML) 242 Page - ATMEL Corporation

Back Button ATtiny167-ESMZ Datasheet HTML 238Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 239Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 240Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 241Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 242Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 243Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 244Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 245Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 246Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 282 page
background image
242
7728D–AVR–07/09
ATtiny87/ATtiny167
Figure 21-8. Serial programming Instruction Example
21.9
Serial Programming Characteristics
Figure 21-9. Serial Programming Waveforms
For characteristics of the SPI module, See ”SPI Timing Characteristics” on page 253.
Byte 1
Byte 2
Byte 3
Byte 4
Bit 15
B
Addr. MSB
Addr. LSB
0
Byte 1
Byte 2
Byte 3
Byte 4
Bit 15
B
Addr. MSB
Addr. MSB
0
Page Buffer
Page Number
Program Memory /
EEPROM Memory
Serial Programming Instruction
Page Offset
Load Program Memory Page (High/Low Byte) /
Load EEPROM Memory Page (Page Access)
Write Program Memory Page /
Write EEPROM Memory Page
Page 0
Page 1
Page 2
Page N-1
MSB
MSB
LSB
LSB
SERIAL CLOCK INPUT
(SCK)
SERIAL DATA INPUT
(MOSI)
(MISO)
SAMPLE
SERIAL DATA OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com