Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-ESMZ Datasheet(PDF) 244 Page - ATMEL Corporation

Part # ATtiny167-ESMZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESMZ Datasheet(HTML) 244 Page - ATMEL Corporation

Back Button ATtiny167-ESMZ Datasheet HTML 240Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 241Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 242Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 243Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 244Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 245Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 246Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 247Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 248Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 282 page
background image
244
7728D–AVR–07/09
ATtiny87/ATtiny167
Notes:
1. “Typ.", typical values at 25°C. Maximum values are characterized values and not test limits in production.
2. "Max.” means the highest value where the pin is guaranteed to be read as low.
3. “Min.” means the lowest value where the pin is guaranteed to be read as high.
4. Although each I/O port can sink more than the test conditions (10 mA at Vcc= 5V, 5 mA at Vcc = 3V) under steady state con-
ditions (non-transient), the following must be observed:
- The sum of all IOL, for all ports, should not exceed 120 mA.
If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater
than the listed test condition.
5. Although each I/O port can source more than the test conditions (10 mA at Vcc = 5V, 5 mA at Vcc = 3V) under steady state
conditions (non-transient), the following must be observed:
- The sum of all IOH, for all ports, should not exceed 120 mA.
If IOH exceeds the test condition, VOH may exceed the related specification. Pins are not guaranteed to source current
greater than the listed test condition.
6. Values using methods described in “Minimizing Power Consumption” on page 45. Power Reduction is enabled
(PRR = 0xFF) and there is no I/O drive.
7. BOD Disabled.
IIL
Input Leakage
Current I/O Pin
Vcc = 5.5V, pin low
(absolute value)
< 0.05
1
µA
I
IH
Input Leakage
Current I/O Pin
Vcc = 5.5V, pin high
(absolute value)
< 0.05
1
µA
R
RST
Reset Pull-up Resistor
30
60
k
Ω
Rpu
I/O Pin Pull-up Resistor
20
50
k
Ω
I
CC
Power Supply Current (6)
Active Mode
(external clock)
16 MHz, Vcc = 5V
10
13
mA
8 MHz, Vcc = 5V
5.5
7.0
mA
8 MHz, Vcc = 3V
2.8
3.5
mA
4 MHz, Vcc = 3V
1.8
2.5
mA
Power Supply Current (6)
Idle Mode
(external clock)
16 MHz, Vcc = 5V
3.5
5.0
mA
8 MHz, Vcc = 5V
1.8
2.5
mA
8 MHz, Vcc = 3V
1
1.5
mA
4 MHz, Vcc = 3V
0.5
0.8
mA
Power Supply Current (7)
Power-down Mode
WDT enabled, Vcc = 5V
7
100
µA
WDT disabled, Vcc = 5V
0.18
70
µA
WDT enabled, Vcc = 3V
5
70
µA
WDT disabled, Vcc = 3V
0.15
45
µA
VACIO
Analog Comparator
Input Offset Voltage
Vcc = 5V
Vin = Vcc/2
-10
10
40
mV
IACLK
Analog Comparator
Input Leakage Current
Vcc = 5V
Vin = Vcc/2
-50
50
nA
t
ACID
Analog Comparator
Propagation Delay
Common Mode Vcc/2
Vcc = 2.7V
170
ns
Vcc = 5.0V
180
ns
T
A = -40°C to +125°C, Vcc = 2.7V to 5.5V (unless otherwise noted) (Continued)
Symbol
Parameter
Condition
Min.
Typ.(1)
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com