Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny45 Datasheet(PDF) 141 Page - ATMEL Corporation

Part # ATtiny45
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny45 Datasheet(HTML) 141 Page - ATMEL Corporation

Back Button ATtiny45 Datasheet HTML 137Page - ATMEL Corporation ATtiny45 Datasheet HTML 138Page - ATMEL Corporation ATtiny45 Datasheet HTML 139Page - ATMEL Corporation ATtiny45 Datasheet HTML 140Page - ATMEL Corporation ATtiny45 Datasheet HTML 141Page - ATMEL Corporation ATtiny45 Datasheet HTML 142Page - ATMEL Corporation ATtiny45 Datasheet HTML 143Page - ATMEL Corporation ATtiny45 Datasheet HTML 144Page - ATMEL Corporation ATtiny45 Datasheet HTML 145Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 196 page
background image
141
7598H–AVR–07/09
ATtiny25/45/85
Note:
a = address high bits, b = address low bits, H = 0 - Low byte, 1 - High Byte, o = data out, i = data
in, x = don’t care
Load EEPROM
Memory Page (page
access)
1100
0001
0000
0000
0000
00bb
iiii
iiii
Load data i to EEPROM
memory page buffer. After
data is loaded, program
EEPROM page.
Write EEPROM
Memory Page (page
access)
1100
0010
00xx
xxxx
xxbb
bb00
xxxx
xxxx
Write EEPROM page at
address b.
Read Lock bits
0101
1000
0000
0000
xxxx
xxxx
xxoo
oooo
Read Lock bits. “0” =
programmed, “1” =
unprogrammed. See Table
21-1 on page 134 for details.
Write Lock bits
1010
1100
111x
xxxx
xxxx
xxxx
11ii
iiii
Write Lock bits. Set bits = “0”
to program Lock bits. See
Table 21-1 on page 134 for
details.
Read Signature Byte
0011
0000
000x
xxxx
xxxx
xxbb
oooo
oooo
Read Signature Byte o at
address b.
Write Fuse bits
1010
1100
1010
0000
xxxx
xxxx
iiii
iiii
Set bits = “0” to program, “1”
to unprogram. See Table 21-5
on page 136 for details.
Write Fuse High bits
1010
1100
1010
1000
xxxx
xxxx
iiii
iiii
Set bits = “0” to program, “1”
to unprogram. See Table 21-4
on page 135 for details.
Write Extended Fuse
Bits
1010
1100
1010
0100
xxxx
xxxx
xxxx
xxxi
Set bits = “0” to program, “1”
to unprogram. See Table 21-3
on page 135 for details.
Read Fuse bits
0101
0000
0000
0000
xxxx
xxxx
oooo
oooo
Read Fuse bits. “0” =
programmed, “1” =
unprogrammed. See Table
21-5 on page 136 for details.
Read Fuse High bits
0101
1000
0000
1000
xxxx
xxxx
oooo
oooo
Read Fuse High bits. “0” =
pro-grammed, “1” =
unprogrammed. See Table
21-4 on page 135 for details.
Read Extended Fuse
Bits
0101
0000
0000
1000
xxxx
xxxx
oooo
oooo
Read Extended Fuse bits. “0”
= pro-grammed, “1” =
unprogrammed. See Table
21-3 on page 135 for details.
Read Calibration Byte
0011
1000
000x
xxxx
0000
0000
oooo
oooo
Read Calibration Byte
Poll RDY/BSY
1111
0000
0000
0000
xxxx
xxxx
xxxx
xxxo
If o = “1”, a programming
operation is still busy. Wait
until this bit returns to “0”
before applying another
command.
Table 21-10. Serial Programming Instruction Set
Instruction
Instruction Format
Operation
Byte 1
Byte 2
Byte 3
Byte4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com