Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny45 Datasheet(PDF) 143 Page - ATMEL Corporation

Part # ATtiny45
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny45 Datasheet(HTML) 143 Page - ATMEL Corporation

Back Button ATtiny45 Datasheet HTML 139Page - ATMEL Corporation ATtiny45 Datasheet HTML 140Page - ATMEL Corporation ATtiny45 Datasheet HTML 141Page - ATMEL Corporation ATtiny45 Datasheet HTML 142Page - ATMEL Corporation ATtiny45 Datasheet HTML 143Page - ATMEL Corporation ATtiny45 Datasheet HTML 144Page - ATMEL Corporation ATtiny45 Datasheet HTML 145Page - ATMEL Corporation ATtiny45 Datasheet HTML 146Page - ATMEL Corporation ATtiny45 Datasheet HTML 147Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 196 page
background image
143
7598H–AVR–07/09
ATtiny25/45/85
Figure 21-4. High-voltage Serial Programming
Table 21-12. Pin Name Mapping
Signal Name in High-voltage
Serial Programming Mode
Pin Name
I/O
Function
SDI
PB0
I
Serial Data Input
SII
PB1
I
Serial Instruction Input
SDO
PB2
O
Serial Data Output
SCI
PB3
I
Serial Clock Input (min. 220ns period)
Table 21-13. High-voltage Serial Programming Characteristics T
A = 25°C ±10%,
VCC = 5.0V ±10% (Unless otherwise noted)
Symbol
Parameter
Min
Typ
Max
Units
tSHSL
SCI (PB3) Pulse Width High
125
ns
tSLSH
SCI (PB3) Pulse Width Low
125
ns
tIVSH
SDI (PB0), SII (PB1) Valid to SCI (PB3) High
50
ns
tSHIX
SDI (PB0), SII (PB1) Hold after SCI (PB3)
High
50
ns
tSHOV
SCI (PB3) High to SDO (PB2) Valid
16
ns
tWLWH_PFB
Wait after Instr. 3 for Write Fuse Bits
2.5
ms
Table 21-14. Pin Values Used to Enter Programming Mode
Pin
Symbol
Value
SDI
Prog_enable[0]
0
SII
Prog_enable[1]
0
SDO
Prog_enable[2]
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com