Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny261-ESSZ Datasheet(PDF) 105 Page - ATMEL Corporation

Part # ATtiny261-ESSZ
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261-ESSZ Datasheet(HTML) 105 Page - ATMEL Corporation

Back Button ATtiny261-ESSZ Datasheet HTML 101Page - ATMEL Corporation ATtiny261-ESSZ Datasheet HTML 102Page - ATMEL Corporation ATtiny261-ESSZ Datasheet HTML 103Page - ATMEL Corporation ATtiny261-ESSZ Datasheet HTML 104Page - ATMEL Corporation ATtiny261-ESSZ Datasheet HTML 105Page - ATMEL Corporation ATtiny261-ESSZ Datasheet HTML 106Page - ATMEL Corporation ATtiny261-ESSZ Datasheet HTML 107Page - ATMEL Corporation ATtiny261-ESSZ Datasheet HTML 108Page - ATMEL Corporation ATtiny261-ESSZ Datasheet HTML 109Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 227 page
background image
105
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
The general I/O port function is overridden by the Output Compare value (OC1x / OC1x) from
the Dead Time Generator, if either of the COM1x1:0 bits are set and the Data Direction Register
bits for the OC1X and OC1X pins are set as an output. If the COM1x1:0 bits are cleared, the
actual value from the port register will be visible on the port pin. The Output Compare Pin config-
urations are described in Table 16-3.
16.7.3
Phase and Frequency Correct PWM Mode
The Phase and Frequency Correct PWM Mode (PWMx = 1 and WGM10 = 1) provides a high
resolution Phase and Frequency Correct PWM waveform generation option. The Phase and
Frequency Correct PWM mode is based on a dual-slope operation. The counter counts repeat-
edly from BOTTOM to TOP (defined as OCR1C) and then from TOP to BOTTOM. In
non-inverting Compare Output Mode the Waveform Output (OCW1x) is cleared on the Compare
Match between TCNT1 and OCR1x while upcounting, and set on the Compare Match while
down-counting. In inverting Output Compare mode, the operation is inverted. In complementary
Compare Output Mode, the Waveform Output is cleared on the Compare Match and set at BOT-
TOM. The dual-slope operation has lower maximum operation frequency than single slope
operation. However, due to the symmetric feature of the dual-slope PWM modes, these modes
are preferred for motor control applications.
The timing diagram for the Phase and Frequency Correct PWM mode is shown on Figure 16-12
in which the TCNT1 value is shown as a histogram for illustrating the dual-slope operation. The
counter is incremented until the counter value matches TOP. When the counter reaches TOP, it
changes the count direction. The TCNT1 value will be equal to TOP for one timer clock cycle.
The diagram includes the Waveform Output (OCW1x) in non-inverted and inverted Compare
Output Mode. The small horizontal line marks on the TCNT1 slopes represent Compare
Matches between OCR1x and TCNT1.
Table 16-3.
Output Compare Pin Configurations in Fast PWM Mode
COM1x1
COM1x0
OC1x Pin
OC1x Pin
0
0
Disconnected
Disconnected
01OC1x
OC1x
1
0
Disconnected
OC1x
1
1
Disconnected
OC1x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com