Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny261-ESSZ Datasheet(PDF) 108 Page - ATMEL Corporation

Part # ATtiny261-ESSZ
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261-ESSZ Datasheet(HTML) 108 Page - ATMEL Corporation

Back Button ATtiny261-ESSZ Datasheet HTML 104Page - ATMEL Corporation ATtiny261-ESSZ Datasheet HTML 105Page - ATMEL Corporation ATtiny261-ESSZ Datasheet HTML 106Page - ATMEL Corporation ATtiny261-ESSZ Datasheet HTML 107Page - ATMEL Corporation ATtiny261-ESSZ Datasheet HTML 108Page - ATMEL Corporation ATtiny261-ESSZ Datasheet HTML 109Page - ATMEL Corporation ATtiny261-ESSZ Datasheet HTML 110Page - ATMEL Corporation ATtiny261-ESSZ Datasheet HTML 111Page - ATMEL Corporation ATtiny261-ESSZ Datasheet HTML 112Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 227 page
background image
108
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
Figure 16-13. PWM6 Mode, Single-slope Operation, Timing Diagram
The general I/O port function is overridden by the Output Compare value (OC1x / OC1x) from
the Dead Time Generator if either of the COM1x1:0 bits are set. The Output Compare pins can
also be overridden by the Output Compare Override Enable bits OC1OE5..OC1OE0. If an Over-
ride Enable bit is cleared, the actual value from the port register will be visible on the port pin
and, if the Override Enable bit is set, the Output Compare pin is allowed to be connected on the
port pin. The Output Compare Pin configurations are described in Table 16-5.
TCNT1
OC1A Pin
OC1A Pin
OC1B Pin
OC1B Pin
OC1D Pin
OC1D Pin
OC1OE0
OC1OE1
OC1OE2
OC1OE3
OC1OE4
OC1OE5
OCW1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com