Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATtiny167
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATtiny167 Datasheet HTML 1Page - ATMEL Corporation ATtiny167 Datasheet HTML 2Page - ATMEL Corporation ATtiny167 Datasheet HTML 3Page - ATMEL Corporation ATtiny167 Datasheet HTML 4Page - ATMEL Corporation ATtiny167 Datasheet HTML 5Page - ATMEL Corporation ATtiny167 Datasheet HTML 6Page - ATMEL Corporation ATtiny167 Datasheet HTML 7Page - ATMEL Corporation ATtiny167 Datasheet HTML 8Page - ATMEL Corporation ATtiny167 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
7792B–AVR–05/09
ATtiny87/ATtiny167 Automotive
1.
Electrical Characteristics
1.1
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Parameters
Test Conditions
Unit
Operating Temperature
–55 to +150
°C
Storage Temperature
–65 to +175
°C
Voltage on any Pin except RESET with respect to Ground
–0.5 to VCC+0.5
V
Voltage on RESET with respect to Ground
–0.5 to +13.0
V
Maximum Operating Voltage
6.0
V
DC Current per I/O Pin
DC Current V
CC and GND
30
200.0
mA
1.2
DC Characteristics
TA = –40°C to +150°C, VCC = 4.5V to 5.5V (unless otherwise noted)
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Input Low Voltage, except
XTAL1 and RESET pin
V
CC = 4.5V – 5.5V
VIL
–0.5
+0.2V
CC
(1)
V
Input High Voltage,
except XTAL1 and
RESET pins
V
CC = 4.5V – 5.5V
VIH
0.6V
CC
(2)
V
CC + 0.5
V
Input Low Voltage,
XTAL1 pin
VCC = 4.5V – 5.5V
VIL1
–0.5
+0.1VCC
(1)
V
Input High Voltage,
XTAL1 pin
VCC = 4.5V – 5.5V
VIH1
0.7VCC
(2)
VCC + 0.5
V
Input Low Voltage,
RESET pin
V
CC = 4.5V – 5.5V
VIL2
–0.5
0.2V
CC
(1)
V
Input High Voltage,
RESET pin
VCC = 4.5V – 5.5V
VIH2
0.9VCC
(2)
VCC + 0.5
V
Input Low Voltage,
RESET pin as I/O
VCC = 4.5V – 5.5V
VIL3
–0.5
0.2VCC
(1)
V
Input High Voltage,
RESET pin as I/O
V
CC = 4.5V – 5.5V
VIH3
0.8V
CC
(2)
V
CC + 0.5
V
Output Low Voltage(3),
I/O pin except RESET
IOL = 10mA, VCC = 5V
VOL
0.8
V
Notes:
1. “Max” means the highest value where the pin is guaranteed to be read as low
2. “Min” means the lowest value where the pin is guaranteed to be read as high
3. Although each I/O port can sink more than the test conditions (20 mA at VCC = 5V) under steady state conditions (non-tran-
sient), the following must be observed:
1] The sum of all IOL, for all ports, should not exceed 400 mA.
2] The sum of all IOL, for ports C0 - C5, should not exceed 200 mA.
3] The sum of all IOL, for ports C6, D0 - D4, should not exceed 300 mA.
4] The sum of all IOL, for ports B0 - B7, D5 - D7, should not exceed 300 mA.
If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater
than the listed test condition.
4. For temperature range +125°C to +150°C only. For –40°C to +125°C, refer to ATtiny167automotive datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com