Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-15XZ Datasheet(PDF) 26 Page - ATMEL Corporation

Part # ATtiny167-15XZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-15XZ Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button ATtiny167-15XZ Datasheet HTML 22Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 23Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 24Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 25Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 26Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 27Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 28Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 29Page - ATMEL Corporation ATtiny167-15XZ Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 282 page
background image
26
7728D–AVR–07/09
ATtiny87/ATtiny167
The various choices for each clocking option are given in the following sections.
When the CPU wakes up from Power-down or Power-save, or when a new clock source is
enabled by the dynamic clock switch circuit, the selected clock source is used to time the
start-up, ensuring stable oscillator operation before instruction execution starts.
When the CPU starts from reset, there is an additional delay allowing the power to reach a sta-
ble level before commencing normal operation. The Watchdog Oscillator is used for timing this
real-time part of the start-up sequence. The number of WDT Oscillator cycles used for each
time-out is shown in Table 4-2.
4.2.1
Default Clock Source
At reset, the CKSEL and SUT fuse settings are copied into the CLKSELR register. The device
will then use the clock source and the start-up timings defined by the CLKSELR bits
(CSEL3..0 and CSUT1:0).
The device is shipped with CKSEL Fuses = 0010
b, SUT Fuses = 10 b, and CKDIV8 Fuse pro-
grammed. The default clock source setting is therefore the Internal RC Oscillator running at 8
MHz with the longest start-up time and an initial system clock divided by 8. This default setting
ensures that all users can make their desired clock source setting using an In-System or
High-voltage Programmer. This set-up must be taken into account when using ISP tools.
4.2.2
Calibrated Internal RC Oscillator
By default, the Internal RC Oscillator provides an approximate 8.0 MHz clock. Though voltage
and temperature dependent, this clock can be accurately calibrated by the user. See Table
22-1 on page 245 and Section 24.7 “Internal Oscillator Speed” on page 265 for more details.
If selected, it can operate without external components. At reset, hardware loads the pre-pro-
grammed calibration value into the OSCCAL Register and thereby automatically configuring
the RC Oscillator. The accuracy of this calibration is shown as Factory calibration in Table
22-1 on page 245.
By adjusting the OSCCAL register in software, see “OSCCAL – Oscillator Calibration Regis-
ter” on page 37, it is possible to get a higher calibration accuracy than by using the factory
calibration. The accuracy of this calibration is shown as User calibration in Table 22-1 on page
245.
The Watchdog Oscillator will still be used for the Watchdog Timer and for the Reset Time-out
even when this Oscillator is used as the device clock. For more information on the pre-pro-
grammed calibration value, see the section “Calibration Byte” on page 228.
Table 4-2.
Number of Watchdog Oscillator Cycles
Typ. Time-out (Vcc = 5.0V)
Typ. Time-out (Vcc = 5.0V)
Number of Cycles
4.1 ms
4.3 ms
512
65 ms
69 ms
8K (8,192)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com