Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny261-15SZ Datasheet(PDF) 29 Page - ATMEL Corporation

Part # ATtiny261-15SZ
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261-15SZ Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button ATtiny261-15SZ Datasheet HTML 25Page - ATMEL Corporation ATtiny261-15SZ Datasheet HTML 26Page - ATMEL Corporation ATtiny261-15SZ Datasheet HTML 27Page - ATMEL Corporation ATtiny261-15SZ Datasheet HTML 28Page - ATMEL Corporation ATtiny261-15SZ Datasheet HTML 29Page - ATMEL Corporation ATtiny261-15SZ Datasheet HTML 30Page - ATMEL Corporation ATtiny261-15SZ Datasheet HTML 31Page - ATMEL Corporation ATtiny261-15SZ Datasheet HTML 32Page - ATMEL Corporation ATtiny261-15SZ Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 227 page
background image
29
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
7.6
Calibrated Internal RC Oscillator
By default, the Internal RC Oscillator provides an approximate 8.0 MHz clock. Though voltage
and temperature dependent, this clock can be very accurately calibrated by the user. See Table
23-1 on page 189 and “Internal Oscillator Speed” on page 207 for more details. The device is
shipped with the CKDIV8 Fuse programmed. See “System Clock Prescaler” on page 32 for
more details.
This clock may be selected as the system clock by programming the CKSEL Fuses as shown in
Table 7-6 on page 29. If selected, it will operate with no external components. During reset,
hardware loads the pre-programmed calibration value into the OSCCAL Register and thereby
automatically calibrates the RC Oscillator. The accuracy of this calibration is shown as Factory
calibration in Table 23-1 on page 189.
By changing the OSCCAL register from SW, see “OSCCAL – Oscillator Calibration Register” on
page 32, it is possible to get a higher calibration accuracy than by using the factory calibration.
The accuracy of this calibration is shown as User calibration in Table 23-1 on page 189.
When this Oscillator is used as the chip clock, the Watchdog Oscillator will still be used for the
Watchdog Timer and for the Reset Time-out. For more information on the pre-programmed cali-
bration value, see the section “Calibration Byte” on page 173.
Notes:
1. The device is shipped with this option selected.
2. If 8 MHz frequency exceeds the specification of the device (depends on VCC), the CKDIV8
Fuse can be programmed in order to divide the internal frequency by 8.
When this Oscillator is selected, start-up times are determined by the SUT Fuses as shown in
Table 7-7 on page 29.
Note:
1. The device is shipped with this option selected.
Table 7-6.
Internal Calibrated RC Oscillator Operating Modes
(1)(2)
Frequency Range (MHz)
CKSEL3..0
7.84 - 8.16
0010
Table 7-7.
Start-up Times for the Internal Calibrated RC Oscillator Clock Selection
SUT1..0
Start-up Time
from Power-down
Additional Delay from
Reset (VCC = 5.0V)
Recommended Usage
00
6 CK
14CK
BOD enabled
01
6 CK
14CK + 4 ms
Fast rising power
10(1)
6 CK
14CK + 64 ms
Slowly rising power
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com