Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny87 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATtiny87
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny87 Datasheet(HTML) 5 Page - ATMEL Corporation

  ATtiny87 Datasheet HTML 1Page - ATMEL Corporation ATtiny87 Datasheet HTML 2Page - ATMEL Corporation ATtiny87 Datasheet HTML 3Page - ATMEL Corporation ATtiny87 Datasheet HTML 4Page - ATMEL Corporation ATtiny87 Datasheet HTML 5Page - ATMEL Corporation ATtiny87 Datasheet HTML 6Page - ATMEL Corporation ATtiny87 Datasheet HTML 7Page - ATMEL Corporation ATtiny87 Datasheet HTML 8Page - ATMEL Corporation ATtiny87 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
7792B–AVR–05/09
ATtiny87/ATtiny167 Automotive
2.
Grade 0 Qualification
The ATtiny87/ATtiny167 has been developed and manufactured according to the most strin-
gent quality assurance requirements of ISO-TS-16949 and verified during product qualification
as per AEC-Q100 grade 0.
AEC-Q100 qualification relies on temperature accelerated stress testing. High temperature
field usage however may result in less significant stress test acceleration. In order to prevent
the risk that ATtiny87/ATtiny167 lifetime would not satisfy the application end-of-life reliability
requirements, Atmel
® has extended the testing, whenever applicable (High Temperature
Operating Life Test, High Temperature Storage Life, Data Retention, Thermal Cycles), far
beyond the AEC-Q100 requirements. Thereby, Atmel verified the ATtiny87/ATtiny167 has a
long safe lifetime period after the grade 0 qualification acceptance limits.
The valid domain calculation depends on the activation energy of the potential failure mecha-
nism that is considered. Therefore any temperature mission profile which could exceed the
AEC-Q100 equivalence domain shall be submitted to Atmel for a thorough reliability analysis
Figure 2-1.
AEC-Q100 Lifetime Equivalence
AEC-Q100 Lifetime Equivalence
1
10
100
1000
10000
100000
1000000
0
204060
80
100
120
140
160
Temperature (°C)
HTOL 0,59eV
HTSL 0,45eV



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com