Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

980VG2C Datasheet(PDF) 3 Page - HB Electronic Components

Part # 980VG2C
Description  LED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

980VG2C Datasheet(HTML) 3 Page - HB Electronic Components

  980VG2C Datasheet HTML 1Page - HB Electronic Components 980VG2C Datasheet HTML 2Page - HB Electronic Components 980VG2C Datasheet HTML 3Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Hebei I.T.(Shanghai) Co.,Ltd.
Part No./型号:980VG2C
Http://www.hebeiltd.com.cn
LED SPECIFICATION
Page: 3 of 3
Typical electrical/optical characteristic curves/光电特性曲线:
2.5
2.0
30
50
90
70
1.5
1.0
0.5
0
10
-10
-30
Ambient Tem perature T A ()
℃
Fig.4 相对亮度 Vs. 环境温度
Fig.3 正向电 流 Vs. 环境温度
Fig.2 相 对亮度 Vs. 正向电流
3.0
2.5
100
80
Fig.1 正向电 流 Vs. 正向电压
1.5
1.0
0
0.5
IF-Forw ard Current (mA)
040
20
4.0
3.6
3.8
60
80
100
60
40
20
0
100
3.4
3.2
Forward Voltage(V)
100
60
80
40
60
20
0
40
20
0
Ambient Tem perature T A ()
℃
80
2.0
100
0
50
25
75
700
650
550
600
500
450
750
Wavelength λ(nm)
Fig.5 辐射强度 Vs. 波长



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com