Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny24-20SSU Datasheet(PDF) 49 Page - ATMEL Corporation

Part # ATtiny24-20SSU
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny24-20SSU Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button ATtiny24-20SSU Datasheet HTML 45Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 46Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 47Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 48Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 49Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 50Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 51Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 52Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 236 page
background image
49
8006H–AVR–10/09
ATtiny24/44/84
Address
Labels Code
Comments
0x0000
rjmp
RESET
; Reset Handler
0x0001
rjmp
INT0
; IRQ0 Handler
0x0002
rjmp
PCINT0
; PCINT0 Handler
0x0003
rjmp
PCINT1
; PCINT1 Handler
0x0004
rjmp
WDT
; Watchdog Interrupt Handler
0x0005
rjmp
TIM1_CAPT
; Timer1 Capture Handler
0x0006
rjmp
TIM1_COMPA
; Timer1 Compare A Handler
0x0007
rjmp
TIM1_COMPB
; Timer1 Compare B Handler
0x0008
rjmp
TIM1_OVF
; Timer1 Overflow Handler
0x0009
rjmp
TIM0_COMPA
; Timer0 Compare A Handler
0x000A
rjmp
TIM0_COMPB
; Timer0 Compare B Handler
0x000B
rjmp
TIM0_OVF
; Timer0 Overflow Handler
0x000C
rjmp
ANA_COMP
; Analog Comparator Handler
0x000D
rjmp
ADC
; ADC Conversion Handler
0x000E
rjmp
EE_RDY
; EEPROM Ready Handler
0x000F
rjmp
USI_STR
; USI STart Handler
0x0010
rjmp
USI_OVF
; USI Overflow Handler
;
0x0011
RESET: ldi
r16, high(RAMEND); Main program start
0x0012
out
SPH,r16
; Set Stack Pointer to top of RAM
0x0013
ldi
r16, low(RAMEND)
0x0014
out
SPL,r16
0x0015
sei
; Enable interrupts
0x0016
<instr>
...
...
9.2
External Interrupts
The External Interrupts are triggered by the INT0 pin or any of the PCINT11..0 pins. Observe
that, if enabled, the interrupts will trigger even if the INT0 or PCINT11..0 pins are configured as
outputs. This feature provides a way of generating a software interrupt. Pin change 0 interrupts
PCI0 will trigger if any enabled PCINT7..0 pin toggles. Pin change 1 interrupts PCI1 will trigger if
any enabled PCINT11..8 pin toggles. The PCMSK0 and PCMSK1 Registers control which pins
contribute to the pin change interrupts. Pin change interrupts on PCINT11..0 are detected asyn-
chronously. This implies that these interrupts can be used for waking the part also from sleep
modes other than Idle mode.
The INT0 interrupts can be triggered by a falling or rising edge or a low level. This is set up as
indicated in the specification for the MCU Control Register – MCUCR. When the INT0 interrupt is
enabled and is configured as level triggered, the interrupt will trigger as long as the pin is held
low. Note that recognition of falling or rising edge interrupts on INT0 requires the presence of an
I/O clock, as described in “Clock Sources” on page 25.
9.2.1
Low Level Interrupt
A low level interrupt on INT0 is detected asynchronously. This means that the interrupt source
can be used for waking the part also from sleep modes other than Idle (the I/O clock is halted in
all sleep modes except Idle).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com