Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny44 Datasheet(PDF) 132 Page - ATMEL Corporation

Part # ATtiny44
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny44 Datasheet(HTML) 132 Page - ATMEL Corporation

Back Button ATtiny44 Datasheet HTML 128Page - ATMEL Corporation ATtiny44 Datasheet HTML 129Page - ATMEL Corporation ATtiny44 Datasheet HTML 130Page - ATMEL Corporation ATtiny44 Datasheet HTML 131Page - ATMEL Corporation ATtiny44 Datasheet HTML 132Page - ATMEL Corporation ATtiny44 Datasheet HTML 133Page - ATMEL Corporation ATtiny44 Datasheet HTML 134Page - ATMEL Corporation ATtiny44 Datasheet HTML 135Page - ATMEL Corporation ATtiny44 Datasheet HTML 136Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 236 page
background image
132
8006H–AVR–10/09
ATtiny24/44/84
16. Analog to Digital Converter
16.1
Features
• 10-bit Resolution
• 1.0 LSB Integral Non-linearity
• ± 2 LSB Absolute Accuracy
• 13µs Conversion Time
• 15 kSPS at Maximum Resolution
• Eight Multiplexed Single Ended Input Channels
• Twelve Differential Input Channels with Selectable Gain (1x, 20x)
• Temperature Sensor Input Channel
• Optional Left Adjustment for ADC Result Readout
• 0 - V
CC ADC Input Voltage Range
• 1.1V ADC Reference Voltage
• Free Running or Single Conversion Mode
• ADC Start Conversion by Auto Triggering on Interrupt Sources
• Interrupt on ADC Conversion Complete
• Sleep Mode Noise Canceler
• Unipolar / Bipolar Input Mode
• Input Polarity Reversal Mode
16.2
Overview
The ATtiny24/44/84 features a 10-bit successive approximation ADC. The ADC is connected to
8-pin port A for external sources. In addition to external sources internal temperature sensor can
be measured by ADC. Analog Multiplexer allows eight single-ended channels or 12 differential
channels from Port A. The programmable gain stage provides ampification steps 0 dB (1x) and
26 dB (20x) for 12 differential ADC channels.
The ADC contains a Sample and Hold circuit which ensures that the input voltage to the ADC is
held at a constant level during conversion. A block diagram of the ADC is shown in Figure 16-1
on page 133.
Internal reference voltage of nominally 1.1V is provided On-chip. Alternatively, V
CC can be used
as reference voltage for single ended channels. There is also an option to use an external volt-
age reference and turn-off the internal voltage reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com