Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny44 Datasheet(PDF) 133 Page - ATMEL Corporation

Part # ATtiny44
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny44 Datasheet(HTML) 133 Page - ATMEL Corporation

Back Button ATtiny44 Datasheet HTML 129Page - ATMEL Corporation ATtiny44 Datasheet HTML 130Page - ATMEL Corporation ATtiny44 Datasheet HTML 131Page - ATMEL Corporation ATtiny44 Datasheet HTML 132Page - ATMEL Corporation ATtiny44 Datasheet HTML 133Page - ATMEL Corporation ATtiny44 Datasheet HTML 134Page - ATMEL Corporation ATtiny44 Datasheet HTML 135Page - ATMEL Corporation ATtiny44 Datasheet HTML 136Page - ATMEL Corporation ATtiny44 Datasheet HTML 137Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 236 page
background image
133
8006H–AVR–10/09
ATtiny24/44/84
Figure 16-1. Analog to Digital Converter Block Schematic
16.3
Operation
The ADC converts an analog input voltage to a 10-bit digital value through successive approxi-
mation. The minimum value represents GND and the maximum value represents the reference
voltage.The voltage reference for the ADC may be selected by writing to the REFS1..0 bits in
ADMUX. The VCC supply, the AREF pin or an internal 1.1V voltage reference may be selected
as the ADC voltage reference.
The analog input channel and differential gain are selected by writing to the MUX5..0 bits in
ADMUX. Any of the eight ADC input pins ADC7..0 can be selected as single ended inputs to the
ADC. For differential measurements all analog inputs next to each other can be selected as a
input pair. Every input is also possible to measure with ADC3. These pairs of differential inputs
are measured by ADC trough the differential gain amplifier.
ADC CONVERSION
COMPLETE IRQ
8-BIT DATA BUS
15
0
ADC MULTIPLEXER
SELECT (ADMUX)
ADC CTRL. & STATUS A
REGISTER (ADCSRA)
ADC DATA REGISTER
(ADCH/ADCL)
CONVERSION LOGIC
10-BIT DAC
+
-
SAMPLE & HOLD
COMPARATOR
INTERNAL
REFERENCE
1.1V
MUX DECODER
V
CC
ADC7
ADC6
ADC5
ADC4
ADC MULTIPLEXER
OUTPUT
PRESCALER
TRIGGER
SELECT
ADTS2...ADTS0
INTERRUPT
FLAGS
START
+
-
GAIN
AMPLIFIER
NEG.
INPUT
MUX
SINGLE ENDED / DIFFERENTIAL SELECTION
TEMPERATURE
SENSOR
ADC8
BIN
ADC3
ADC2
ADC1
ADC0
POS.
INPUT
MUX
AGND
ADC CTRL. & STATUS B
REGISTER (ADCSRB)
AREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com