Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny44 Datasheet(PDF) 155 Page - ATMEL Corporation

Part # ATtiny44
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny44 Datasheet(HTML) 155 Page - ATMEL Corporation

Back Button ATtiny44 Datasheet HTML 151Page - ATMEL Corporation ATtiny44 Datasheet HTML 152Page - ATMEL Corporation ATtiny44 Datasheet HTML 153Page - ATMEL Corporation ATtiny44 Datasheet HTML 154Page - ATMEL Corporation ATtiny44 Datasheet HTML 155Page - ATMEL Corporation ATtiny44 Datasheet HTML 156Page - ATMEL Corporation ATtiny44 Datasheet HTML 157Page - ATMEL Corporation ATtiny44 Datasheet HTML 158Page - ATMEL Corporation ATtiny44 Datasheet HTML 159Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 236 page
background image
155
8006H–AVR–10/09
ATtiny24/44/84
18.5
EEPROM Write Prevents Writing to SPMCSR
Note that an EEPROM write operation will block all software programming to Flash. Reading the
Fuses and Lock bits from software will also be prevented during the EEPROM write operation. It
is recommended that the user checks the status bit (EEPE) in the EECR Register and verifies
that the bit is cleared before writing to the SPMCSR Register.
18.6
Reading Lock, Fuse and Signature Data from Software
It is possible for firmware to read device fuse and lock bits. In addition, firmware can also read
data from the device signature imprint table (see page 161).
Note:
Fuse and Lock bits that are programmed, will be read as zero. Fuse and Lock bits that are unpro-
grammed, will be read as one.
18.6.1
Reading Lock Bits from Firmware
Lock bit values are returned in the destination register after an LPM instruction has been issued
within three CPU cycles after RFLB and SELFPRGEN bits have been set in SPMCSR. The
RFLB and SELFPRGEN bits automatically clear upon completion of reading the lock bits, or if no
LPM instruction is executed within three CPU cycles, or if no SPM instruction is executed within
four CPU cycles. When RFLB and SELFPRGEN are cleared LPM functions normally.
To read the lock bits, follow the below procedure:
1.
Load the Z-pointer with 0x0001.
2.
Set RFLB and SELFPRGEN bits in SPMCSR.
3.
Issue an LPM instruction within three clock cycles.
4.
Read the lock bits from the LPM destination register.
If successful, the contents of the destination register are as follows.
See section “Program And Data Memory Lock Bits” on page 159 for more information.
18.6.2
Reading Fuse Bits from Firmware
The algorithm for reading fuse bytes is similar to the one described above for reading lock bits,
only the addresses are different. To read the Fuse Low Byte (FLB), follow the below procedure:
1.
Load the Z-pointer with 0x0000.
2.
Set RFLB and SELFPRGEN bits in SPMCSR.
3.
Issue an LPM instruction within three clock cycles.
4.
Read the FLB from the LPM destination register.
If successful, the contents of the destination register are as follows.
Refer to Table 19-5 on page 161 for a detailed description and mapping of the Fuse Low Byte.
Bit
7
654321
0
Rd
–
–––––
LB2
LB1
Bit
7
6
543
2
1
0
Rd
FLB7
FLB6
FLB5
FLB4
FLB3
FLB2
FLB1
FLB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com