Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny44 Datasheet(PDF) 159 Page - ATMEL Corporation

Part # ATtiny44
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny44 Datasheet(HTML) 159 Page - ATMEL Corporation

Back Button ATtiny44 Datasheet HTML 155Page - ATMEL Corporation ATtiny44 Datasheet HTML 156Page - ATMEL Corporation ATtiny44 Datasheet HTML 157Page - ATMEL Corporation ATtiny44 Datasheet HTML 158Page - ATMEL Corporation ATtiny44 Datasheet HTML 159Page - ATMEL Corporation ATtiny44 Datasheet HTML 160Page - ATMEL Corporation ATtiny44 Datasheet HTML 161Page - ATMEL Corporation ATtiny44 Datasheet HTML 162Page - ATMEL Corporation ATtiny44 Datasheet HTML 163Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 236 page
background image
159
8006H–AVR–10/09
ATtiny24/44/84
19. Memory Programming
This section describes the different methods for programming ATtiny24/44/84 memories.
19.1
Program And Data Memory Lock Bits
The ATtiny24/44/84 provides two lock bits which can be left unprogrammed (“1”) or can be pro-
grammed (“0”) to obtain the additional security listed in Table 19-2. The lock bits can only be
erased to “1” with the Chip Erase command.
The device has no separate boot loader section. The SPM instruction is enabled for the whole
Flash, if the SELFPROGEN fuse is programmed (“0”), otherwise it is disabled.
Program memory can be read out via the debugWIRE interface when the DWEN fuse is pro-
grammed, even if lock bits are set. Thus, when lock bit security is required, debugWIRE should
always be disabled by clearing the DWEN fuse.
Note:
“1” means unprogrammed, “0” means programmed.
Notes:
1. Program fuse bits before programming LB1 and LB2.
2. “1” means unprogrammed, “0” means programmed
Lock bits can also be read by device firmware. See section “Reading Lock, Fuse and Signature
Data from Software” on page 155.
Table 19-1.
Lock Bit Byte
Lock Bit
Bit No
Description
Default Value
7
–
1 (unprogrammed)
6
–
1 (unprogrammed)
5
–
1 (unprogrammed)
4
–
1 (unprogrammed)
3
–
1 (unprogrammed)
2
–
1 (unprogrammed)
LB2
1
Lock bit
1 (unprogrammed)
LB1
0
Lock bit
1 (unprogrammed)
Table 19-2.
Lock Bit Protection Modes.
Memory Lock Bits
(1) (2)
Protection Type
LB Mode
LB2
LB1
11
1
No memory lock features enabled.
21
0
Further programming of the Flash and EEPROM is disabled in
High-voltage and Serial Programming mode. The Fuse bits are
locked in both Serial and High-voltage Programming mode.
(1)
debugWire is disabled.
30
0
Further programming and verification of the Flash and EEPROM
is disabled in High-voltage and Serial Programming mode. The
Fuse bits are locked in both Serial and High-voltage
Programming mode.
(1) debugWire is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com