Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny44 Datasheet(PDF) 160 Page - ATMEL Corporation

Part # ATtiny44
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny44 Datasheet(HTML) 160 Page - ATMEL Corporation

Back Button ATtiny44 Datasheet HTML 156Page - ATMEL Corporation ATtiny44 Datasheet HTML 157Page - ATMEL Corporation ATtiny44 Datasheet HTML 158Page - ATMEL Corporation ATtiny44 Datasheet HTML 159Page - ATMEL Corporation ATtiny44 Datasheet HTML 160Page - ATMEL Corporation ATtiny44 Datasheet HTML 161Page - ATMEL Corporation ATtiny44 Datasheet HTML 162Page - ATMEL Corporation ATtiny44 Datasheet HTML 163Page - ATMEL Corporation ATtiny44 Datasheet HTML 164Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 236 page
background image
160
8006H–AVR–10/09
ATtiny24/44/84
19.2
Fuse Bytes
The ATtiny24/44/84 have three fuse bytes. Table 19-3, Table 19-4 and Table 19-5 briefly
describe the functionality of all the fuses and how they are mapped into the fuse bytes. Note that
the fuses are read as logical zero, “0”, if they are programmed..
Notes:
1. Enables SPM instruction. See “Self-Programming the Flash” on page 153.
Notes:
1. See “Alternate Functions of Port B” on page 65 for description of RSTDISBL and DWEN
Fuses. After programming the RSTDISBL fuse, high-voltage serial programming must be used
to change fuses and allow further programming.
2. DWEN must be unprogrammed when Lock Bit security is required. See “Program And Data
Memory Lock Bits” on page 159.
3. The SPIEN Fuse is not accessible in SPI programming mode.
4. Programming this fues will disable the Watchdog Timer Interrupt. See “WDT Configuration as
a Function of the Fuse Settings of WDTON” on page 43 for details.
5. See Table 20-7 on page 179 for BODLEVEL Fuse decoding.
Table 19-3.
Fuse Extended Byte
Fuse Extended Byte
Bit No
Description
Default Value
7
-
1 (unprogrammed)
6
-
1 (unprogrammed)
5
-
1 (unprogrammed)
4
-
1 (unprogrammed)
3
-
1 (unprogrammed)
2
-
1 (unprogrammed)
1
-
1 (unprogrammed)
SELFPRGEN (1)
0
Self-Programming Enable
1 (unprogrammed)
Table 19-4.
Fuse High Byte
Fuse High Byte
Bit No
Description
Default Value
RSTDISBL (1)
7
External Reset disable
1 (unprogrammed)
DWEN (2)
6
DebugWIRE Enable
1 (unprogrammed)
SPIEN (3)
6
Enable Serial Program and Data
Downloading
0 (programmed, SPI prog.
enabled)
WDTON (4)
4
Watchdog Timer always on
1 (unprogrammed)
EESAVE
3
EEPROM memory is preserved through
the Chip Erase
1 (unprogrammed,
EEPROM not preserved)
BODLEVEL2 (5)
2
Brown-out Detector trigger level
1 (unprogrammed)
BODLEVEL1 (5)
1
Brown-out Detector trigger level
1 (unprogrammed)
BODLEVEL0 (5)
0
Brown-out Detector trigger level
1 (unprogrammed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com