Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny44 Datasheet(PDF) 161 Page - ATMEL Corporation

Part # ATtiny44
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny44 Datasheet(HTML) 161 Page - ATMEL Corporation

Back Button ATtiny44 Datasheet HTML 157Page - ATMEL Corporation ATtiny44 Datasheet HTML 158Page - ATMEL Corporation ATtiny44 Datasheet HTML 159Page - ATMEL Corporation ATtiny44 Datasheet HTML 160Page - ATMEL Corporation ATtiny44 Datasheet HTML 161Page - ATMEL Corporation ATtiny44 Datasheet HTML 162Page - ATMEL Corporation ATtiny44 Datasheet HTML 163Page - ATMEL Corporation ATtiny44 Datasheet HTML 164Page - ATMEL Corporation ATtiny44 Datasheet HTML 165Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 236 page
background image
161
8006H–AVR–10/09
ATtiny24/44/84
Notes:
1. See “System Clock Prescaler” on page 30 for details.
2. Allows system clock to be output on pin. See “Clock Output Buffer” on page 30 for details.
3. The default value results in maximum start-up time for the default clock source. See Table 6-5
on page 27 for details.
4. The default setting results in internal RC Oscillator @ 8.0 MHz. See Table 6-4 on page 27 for
details.
Note that fuse bits are locked if Lock Bit 1 (LB1) is programmed. Fuse bits should be pro-
grammed before lock bits. The status of fuse bits is not affected by chip erase.
Fuse bits can also be read by device firmware. See section “Reading Lock, Fuse and Signature
Data from Software” on page 155.
19.2.1
Latching of Fuses
Fuse values are latched when the device enters programming mode and changes to fuse values
have no effect until the part leaves programming mode. This does not apply to the EESAVE
Fuse which will take effect once it is programmed. Fuses are also latched on power-up.
19.3
Device Signature Imprint Table
The device signature imprint table is a dedicated memory area used for storing miscellaneous
device information, such as the device signature and oscillator calibaration data. Most of this
memory segment is reserved for internal use, as outlined in Table 19-6.
Notes:
1. See section “Signature Bytes” for more information.
2. See section “Calibration Byte” for more information.
Table 19-5.
Fuse Low Byte
Fuse Low Byte
Bit No
Description
Default Value
CKDIV8 (1)
7
Divide clock by 8
0 (programmed)
CKOUT (2)
6
Clock Output Enable
1 (unprogrammed)
SUT1 (3)
5
Select start-up time
1 (unprogrammed)
SUT0 (3)
4
Select start-up time
0 (programmed)
CKSEL3 (4)
3
Select Clock source
0 (programmed)
CKSEL2 (4)
2
Select Clock source
0 (programmed)
CKSEL1 (4)
1
Select Clock source
1 (unprogrammed)
CKSEL0 (4)
0
Select Clock source
0 (programmed)
Table 19-6.
Contents of Device Signature Imprint Table.
Address
High Byte
0x00
Signature byte 0 (1)
0x01
Calibration data for internal oscillator (2)
0x02
Signature byte 1 (1)
0x03
Reserved for internal use
0x04
Signature byte 2 (1)
0x05 ... 0x2A
Reserved for internal use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com