Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny44 Datasheet(PDF) 167 Page - ATMEL Corporation

Part # ATtiny44
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny44 Datasheet(HTML) 167 Page - ATMEL Corporation

Back Button ATtiny44 Datasheet HTML 163Page - ATMEL Corporation ATtiny44 Datasheet HTML 164Page - ATMEL Corporation ATtiny44 Datasheet HTML 165Page - ATMEL Corporation ATtiny44 Datasheet HTML 166Page - ATMEL Corporation ATtiny44 Datasheet HTML 167Page - ATMEL Corporation ATtiny44 Datasheet HTML 168Page - ATMEL Corporation ATtiny44 Datasheet HTML 169Page - ATMEL Corporation ATtiny44 Datasheet HTML 170Page - ATMEL Corporation ATtiny44 Datasheet HTML 171Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 236 page
background image
167
8006H–AVR–10/09
ATtiny24/44/84
If the LSB in RDY/BSY data byte out is ‘1’, a programming operation is still pending. Wait until
this bit returns ‘0’ before the next instruction is carried out.
Within the same page, the low data byte must be loaded prior to the high data byte.
After data is loaded to the page buffer, program the EEPROM page, see Figure 19-2 on page
166.
19.6
High-voltage Serial Programming
This section describes how to program and verify Flash Program memory, EEPROM Data mem-
ory, Lock bits and Fuse bits in the ATtiny24/44/84.
Figure 19-3. High-voltage Serial Programming
The minimum period for the Serial Clock Input (SCI) during High-voltage Serial Programming is
220 ns.
Table 19-13. Pin Name Mapping
Signal Name in High-voltage
Serial Programming Mode
Pin Name
I/O
Function
SDI
PA6
I
Serial Data Input
SII
PA5
I
Serial Instruction Input
SDO
PA4
O
Serial Data Output
SCI
PB0
I
Serial Clock Input (min. 220ns period)
Table 19-14. Pin Values Used to Enter Programming Mode
Pin
Symbol
Value
PA0
Prog_enable[0]
0
PA1
Prog_enable[1]
0
PA2
Prog_enable[2]
0
VCC
GND
SDO
SII
SDI
(RESET)
+4.5 - 5.5V
PA6
PA5
PA4
PB3
+11.5 - 12.5V
PB0
SCI
PA2:0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com