Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny44 Datasheet(PDF) 168 Page - ATMEL Corporation

Part # ATtiny44
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny44 Datasheet(HTML) 168 Page - ATMEL Corporation

Back Button ATtiny44 Datasheet HTML 164Page - ATMEL Corporation ATtiny44 Datasheet HTML 165Page - ATMEL Corporation ATtiny44 Datasheet HTML 166Page - ATMEL Corporation ATtiny44 Datasheet HTML 167Page - ATMEL Corporation ATtiny44 Datasheet HTML 168Page - ATMEL Corporation ATtiny44 Datasheet HTML 169Page - ATMEL Corporation ATtiny44 Datasheet HTML 170Page - ATMEL Corporation ATtiny44 Datasheet HTML 171Page - ATMEL Corporation ATtiny44 Datasheet HTML 172Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 236 page
background image
168
8006H–AVR–10/09
ATtiny24/44/84
19.7
High-Voltage Serial Programming Algorithm
To program and verify the ATtiny24/44/84 in the High-voltage Serial Programming mode, the fol-
lowing sequence is recommended (See instruction formats in Table 19-16 on page 171):
19.7.1
Enter High-voltage Serial Programming Mode
The following algorithm puts the device in High-voltage Serial Programming mode:
1.
Set Prog_enable pins listed in Table 19-14 on page 167 to “000”, RESET pin and V
CC
to 0V.
2.
Apply 4.5 - 5.5V between V
CC and GND. Ensure that VCC reaches at least 1.8V within
the next 20 µs.
3.
Wait 20 - 60 µs, and apply 11.5 - 12.5V to RESET.
4.
Keep the Prog_enable pins unchanged for at least 10 µs after the High-voltage has
been applied to ensure the Prog_enable Signature has been latched.
5.
Release the Prog_enable[2] pin after t
HVRST has elapsed.
6.
Wait at least 300 µs before giving any serial instructions on SDI/SII.
7.
Exit Programming mode by power the device down or by bringing RESET pin to 0V.
If the rise time of the V
CC is unable to fulfill the requirements listed above, the following alterna-
tive algorithm can be used:
1.
Set Prog_enable pins listed in Table 19-14 on page 167 to “000”, RESET pin and V
CC
to 0V.
2.
Apply 4.5 - 5.5V between V
CC and GND.
3.
Monitor V
CC, and as soon as VCC reaches 0.9 - 1.1V, apply 11.5 - 12.5V to RESET.
4.
Keep the Prog_enable pins unchanged for at least 10 µs after the High-voltage has
been applied to ensure the Prog_enable Signature has been latched.
5.
Release the Prog_enable[2] pin to avoid drive contention on the Prog_enable[2]/SDO
pin.
6.
Wait until V
CC actually reaches 4.5 - 5.5V before giving any serial instructions on
SDI/SII.
7.
Exit Programming mode by power the device down or by bringing RESET pin to 0V.
Table 19-15. High-voltage Reset Characteristics
Supply Voltage
RESET Pin High-voltage Threshold
Minimum High-voltage Period for
Latching Prog_enable
V
CC
V
HVRST
t
HVRST
4.5V
11.5V
100 ns
5.5V
11.5V
100 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com