Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny44 Datasheet(PDF) 223 Page - ATMEL Corporation

Part # ATtiny44
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny44 Datasheet(HTML) 223 Page - ATMEL Corporation

Back Button ATtiny44 Datasheet HTML 219Page - ATMEL Corporation ATtiny44 Datasheet HTML 220Page - ATMEL Corporation ATtiny44 Datasheet HTML 221Page - ATMEL Corporation ATtiny44 Datasheet HTML 222Page - ATMEL Corporation ATtiny44 Datasheet HTML 223Page - ATMEL Corporation ATtiny44 Datasheet HTML 224Page - ATMEL Corporation ATtiny44 Datasheet HTML 225Page - ATMEL Corporation ATtiny44 Datasheet HTML 226Page - ATMEL Corporation ATtiny44 Datasheet HTML 227Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 236 page
background image
223
8006H–AVR–10/09
ATtiny24/44/84
26. Errata
The revision letters in this section refer to the revision of the corresponding ATtiny24/44/84
device.
26.1
ATtiny24
26.1.1
Rev. D – E
No known errata.
26.1.2
Rev. C
• Reading EEPROM when system clock frequency is below 900 kHz may not work
1.
Reading EEPROM when system clock frequency is below 900 kHz may not work
Reading data from the EEPROM at system clock frequency below 900 kHz may result in
wrong data read.
Problem Fix/Work around
Avoid using the EEPROM at clock frequency below 900 kHz.
26.1.3
Rev. B
• EEPROM read from application code does not work in Lock Bit Mode 3
• Reading EEPROM when system clock frequency is below 900 kHz may not work
1.
EEPROM read from application code does not work in Lock Bit Mode 3
When the Memory Lock Bits LB2 and LB1 are programmed to mode 3, EEPROM read does
not work from the application code.
Problem Fix/Work around
Do not set Lock Bit Protection Mode 3 when the application code needs to read from
EEPROM.
2.
Reading EEPROM when system clock frequency is below 900 kHz may not work
Reading data from the EEPROM at system clock frequency below 900 kHz may result in
wrong data read.
Problem Fix/Work around
Avoid using the EEPROM at clock frequency below 900 kHz.
26.1.4
Rev. A
Not sampled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com