Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny44 Datasheet(PDF) 226 Page - ATMEL Corporation

Part # ATtiny44
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny44 Datasheet(HTML) 226 Page - ATMEL Corporation

Back Button ATtiny44 Datasheet HTML 222Page - ATMEL Corporation ATtiny44 Datasheet HTML 223Page - ATMEL Corporation ATtiny44 Datasheet HTML 224Page - ATMEL Corporation ATtiny44 Datasheet HTML 225Page - ATMEL Corporation ATtiny44 Datasheet HTML 226Page - ATMEL Corporation ATtiny44 Datasheet HTML 227Page - ATMEL Corporation ATtiny44 Datasheet HTML 228Page - ATMEL Corporation ATtiny44 Datasheet HTML 229Page - ATMEL Corporation ATtiny44 Datasheet HTML 230Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 236 page
background image
226
8006H–AVR–10/09
ATtiny24/44/84
27. Datasheet Revision History
27.1
Rev H. 10/09
1.
Updated document template. Re-arranged some sections.
2.
Updated “Low-Frequency Crystal Oscillator” with the Table 6-8 on page 28
3.
Updated Tables:
– “Active Clock Domains and Wake-up Sources in Different Sleep Modes” on page 33
– “DC Characteristics” on page 174
– “Register Summary” on page 213
4.
Updated Register Description:
– “ADMUX – ADC Multiplexer Selection Register” on page 145
5.
Signature Imprint Reading Instructions updated in “Reading Device Signature Imprint
Table from Firmware” on page 156.
6.
Updated Section:
– Step 1. on page 164
7.
Added Table:
– “Analog Comparator Characteristics” on page 179
8.
Updated Figure:
– “Active Supply Current vs. frequency (1 - 20 MHz)” on page 187
9.
Updated Figure 21-30 on page 201 and Figure 21-33 on page 202 under “Pin Thresh-
old and Hysteresis”.
10. Changed ATtiny24/44 device status to “Not Recommended for New Designs. Use:
ATtiny24A/44A”.
27.2
Rev G. 01/08
1.
Updated sections:
– “Features” on page 1
– “RESET” on page 3
– “Overview” on page 4
– “About” on page 6
– “SPH and SPL — Stack Pointer Register” on page 11
– “Atomic Byte Programming” on page 17
– “Write” on page 17
– “Clock Sources” on page 25
– “Default Clock Source” on page 30
– “Sleep Modes” on page 33
– “Software BOD Disable” on page 34
– “External Interrupts” on page 49
– “USIBR – USI Data Buffer” on page 125
– “USIDR – USI Data Register” on page 124
– “DIDR0 – Digital Input Disable Register 0” on page 131
– “Features” on page 132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com