Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny44 Datasheet(PDF) 228 Page - ATMEL Corporation

Part # ATtiny44
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny44 Datasheet(HTML) 228 Page - ATMEL Corporation

Back Button ATtiny44 Datasheet HTML 224Page - ATMEL Corporation ATtiny44 Datasheet HTML 225Page - ATMEL Corporation ATtiny44 Datasheet HTML 226Page - ATMEL Corporation ATtiny44 Datasheet HTML 227Page - ATMEL Corporation ATtiny44 Datasheet HTML 228Page - ATMEL Corporation ATtiny44 Datasheet HTML 229Page - ATMEL Corporation ATtiny44 Datasheet HTML 230Page - ATMEL Corporation ATtiny44 Datasheet HTML 231Page - ATMEL Corporation ATtiny44 Datasheet HTML 232Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 236 page
background image
228
8006H–AVR–10/09
ATtiny24/44/84
– “Idle Supply Current vs. VCC (Internal RC Oscillator, 8 MHz)” on page 190
– “Idle Supply Current vs. VCC (Internal RC Oscillator, 1 MHz)” on page 190
– “Idle Supply Current vs. VCC (Internal RC Oscillator, 128 kHz)” on page 191
– “Power-down Supply Current vs. VCC (Watchdog Timer Disabled)” on page 191
– “Power-down Supply Current vs. VCC (Watchdog Timer Enabled)” on page 192
– “Reset Pin Input Hysteresis vs. VCC” on page 202
– “Reset Pin Input Hysteresis vs. VCC (Reset Pin Used as I/O)” on page 203
– “Watchdog Oscillator Frequency vs. VCC” on page 205
– “Watchdog Oscillator Frequency vs. Temperature” on page 205
– “Calibrated 8 MHz RC Oscillator Frequency vs. VCC” on page 206
– “Calibrated 8 MHz RC oscillator Frequency vs. Temperature” on page 206
– “ADC Current vs. VCC” on page 207
– “Programming Current vs. VCC (ATtiny24)” on page 209
– “Programming Current vs. VCC (ATtiny44)” on page 209
– “Programming Current vs. VCC (ATtiny84)” on page 210
4.
Added Figures:
– “Reset Pin Output Voltage vs. Sink Current (VCC = 3V)” on page 198
– “Reset Pin Output Voltage vs. Sink Current (VCC = 5V)” on page 198
– “Reset Pin Output Voltage vs. Source Current (VCC = 3V)” on page 199
– “Reset Pin Output Voltage vs. Source Current (VCC = 5V)” on page 199
5.
Updated Tables:
– “Device Clocking Options Select” on page 25
– “Start-up Times for the Crystal Oscillator Clock Selection” on page 29
– “Start-up Times for the Internal Calibrated RC Oscillator Clock Selection” on page 27
– “Start-up Times for the External Clock Selection” on page 26
– “Start-up Times for the 128 kHz Internal Oscillator” on page 27
– “Active Clock Domains and Wake-up Sources in Different Sleep Modes” on page 33
– “Watchdog Timer Prescale Select” on page 47
– “Reset and Interrupt Vectors” on page 48
– “Overriding Signals for Alternate Functions in PA7..PA5” on page 63
– “Overriding Signals for Alternate Functions in PA4..PA2” on page 64
– “Overriding Signals for Alternate Functions in PA1..PA0” on page 64
– “Port B Pins Alternate Functions” on page 65
– “Overriding Signals for Alternate Functions in PB3..PB2” on page 66
– “Overriding Signals for Alternate Functions in PB1..PB0” on page 67
– “Waveform Generation Modes” on page 110
– “ADC Conversion Time” on page 138
– “Temperature vs. Sensor Output Voltage (Typical Case)” on page 144
– “DC Characteristics. TA = -40°C to +85°C” on page 174
– “Calibration Accuracy of Internal RC Oscillator” on page 176
– “Reset, Brown-out, and Internal Voltage Characteristics” on page 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com