Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny44 Datasheet(PDF) 229 Page - ATMEL Corporation

Part # ATtiny44
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny44 Datasheet(HTML) 229 Page - ATMEL Corporation

Back Button ATtiny44 Datasheet HTML 225Page - ATMEL Corporation ATtiny44 Datasheet HTML 226Page - ATMEL Corporation ATtiny44 Datasheet HTML 227Page - ATMEL Corporation ATtiny44 Datasheet HTML 228Page - ATMEL Corporation ATtiny44 Datasheet HTML 229Page - ATMEL Corporation ATtiny44 Datasheet HTML 230Page - ATMEL Corporation ATtiny44 Datasheet HTML 231Page - ATMEL Corporation ATtiny44 Datasheet HTML 232Page - ATMEL Corporation ATtiny44 Datasheet HTML 233Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 236 page
background image
229
8006H–AVR–10/09
ATtiny24/44/84
– “VBOT vs. BODLEVEL Fuse Coding” on page 179
– “ADC Characteristics, Single Ended Channels. T = -40°C - 85°C” on page 180
– “ADC Characteristics, Differential Channels (Bipolar Mode), TA = -40°C to 85°C” on
page 182
– “Serial Programming Characteristics, TA = -40°C to 85°C, VCC = 1.8 - 5.5V (Unless
Otherwise Noted)” on page 183
– “High-voltage Serial Programming Characteristics TA = 25°C, VCC = 5V (Unless
otherwise noted)” on page 184
6.
Updated code examples in sections:
– “Write” on page 17
– “SPI Master Operation Example” on page 119
7.
Updated “Ordering Information” in:
– “ATtiny84” on page 219
27.3
Rev F. 02/07
27.4
Rev E. 09/06
1.
Updated Figure 1-1 on page 2, Figure 8-7 on page 43, Figure 20-6 on page 184.
2.
Updated Table 9-1 on page 48, Table 10-7 on page 65, Table 11-2 on page 80, Table
11-3 on page 81, Table 11-5 on page 81, Table 11-6 on page 82, Table 11-7 on page
82, Table 11-8 on page 83, Table 20-11 on page 182, Table 20-13 on page 184.
3.
Updated table references in “TCCR0A – Timer/Counter Control Register A” on page 80.
4.
Updated Port B, Bit 0 functions in “Alternate Functions of Port B” on page 65.
5.
Updated WDTCR bit name to WDTCSR in assembly code examples.
6.
Updated bit5 name in “TIFR1 – Timer/Counter Interrupt Flag Register 1” on page 114.
7.
Updated bit5 in “TIFR1 – Timer/Counter Interrupt Flag Register 1” on page 114.
8.
Updated “SPI Master Operation Example” on page 119.
9.
Updated step 5 in “Enter High-voltage Serial Programming Mode” on page 168.
1.
All characterization data moved to “Electrical Characteristics” on page 174.
2.
All Register Descriptions gathered up in separate sections at the end of each chapter.
3.
Updated “System Control and Reset” on page 39.
4.
Updated Table 11-3 on page 81, Table 11-6 on page 82, Table 11-8 on page 83, Table
12-3 on page 109 and Table 12-5 on page 110.
5.
Updated “Fast PWM Mode” on page 97.
6.
Updated Figure 12-7 on page 98 and Figure 16-1 on page 133.
7.
Updated “Analog Comparator Multiplexed Input” on page 129.
8.
Added note in Table 19-12 on page 165.
9.
Updated “Electrical Characteristics” on page 174.
10.
Updated “Typical Characteristics” on page 185.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com