Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny48-MU Datasheet(PDF) 66 Page - ATMEL Corporation

Part # ATtiny48-MU
Description  8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
PDF  266 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny48-MU Datasheet(HTML) 66 Page - ATMEL Corporation

Back Button ATtiny48-MU Datasheet HTML 62Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 63Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 64Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 65Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 66Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 67Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 68Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 69Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 70Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 266 page
background image
66
8008C–AVR–03/09
ATtiny48/88
Notes:
1. INTOSC means that one of the internal oscillators are selected (by the CKSEL fuses), EXTCK
means that external clock is selected (by the CKSEL fuses).
Table 10-6.
Overriding Signals for Alternate Functions in PB7..PB4
Signal
Name
PB7/
PCINT7(1)
PB6/CLKI/
PCINT6(1)
PB5/SCK/
PCINT5
PB4/MISO/
PCINT4
PUOE
0
INTOSC
SPE • MSTR
SPE • MSTR
PUOV
0
0
PORTB5 • PUD
PORTB4 • PUD
DDOE
0
INTOSC
SPE • MSTR
SPE • MSTR
DDOV
0000
PVOE
0
0
SPE • MSTR
SPE • MSTR
PVOV
0
0
SCK OUTPUT
SPI SLAVE
OUTPUT
DIEOE
PCINT7 • PCIE0
INTOSC + PCINT6 •
PCIE0
PCINT5 • PCIE0
PCINT4 • PCIE0
DIEOV
1
INTOSC
1
1
DI
PCINT7 INPUT
PCINT6 INPUT
PCINT5 INPUT
SCK INPUT
PCINT4 INPUT
SPI MSTR INPUT
AIO
–
Clock Input
–
–
Table 10-7.
Overriding Signals for Alternate Functions in PB3..PB0
Signal
Name
PB3/MOSI/
PCINT3
PB2/SS/
OC1B/PCINT2
PB1/OC1A/
PCINT1
PB0/ICP1/
PCINT0
PUOE
SPE • MSTR
SPE • MSTR
00
PUOV
PORTB3 • PUD
PORTB2 • PUD
00
DDOE
SPE • MSTR
SPE • MSTR
00
DDOV
0
0
0
0
PVOE
SPE • MSTR
OC1B ENABLE
OC1A ENABLE
0
PVOV
SPI MSTR OUTPUT
OC1B
OC1A
0
DIEOE
PCINT3 • PCIE0
PCINT2 • PCIE0
PCINT1 • PCIE0
PCINT0 • PCIE0
DIEOV
111
1
DI
PCINT3 INPUT
SPI SLAVE INPUT
PCINT2 INPUT
SPI SS
PCINT1 INPUT
PCINT0 INPUT
ICP1 INPUT
AIO
–––
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com