Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny48-MU Datasheet(PDF) 158 Page - ATMEL Corporation

Part # ATtiny48-MU
Description  8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
PDF  266 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny48-MU Datasheet(HTML) 158 Page - ATMEL Corporation

Back Button ATtiny48-MU Datasheet HTML 154Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 155Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 156Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 157Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 158Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 159Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 160Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 161Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 162Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 266 page
background image
158
8008C–AVR–03/09
ATtiny48/88
17. Analog-to-Digital Converter
17.1
Features
• 10-bit Resolution
• 1 LSB Integral Non-linearity
• ± 2 LSB Absolute Accuracy
• 14 µs Conversion Time
• 15 kSPS at Maximum Resolution
• Six Multiplexed Single Ended Input Channels
• Two Additional Multiplexed Single Ended Input Channels (TQFP and QFN/MLF Packages, Only)
• Temperature Sensor Input Channel
• Optional Left Adjustment for ADC Result Readout
• 0 – V
CC ADC Input Voltage Range
• Selectable 1.1V ADC Reference Voltage
• Free Running or Single Conversion Mode
• Interrupt on ADC Conversion Complete
• Sleep Mode Noise Canceler
17.2
Overview
ATtiny48/88 features a 10-bit, successive approximation Analog-to-Digital Converter (ADC). The
ADC is wired to a nine-channel analog multiplexer, which allows the ADC to measure the volt-
age at six (or eight, in 32-lead packages) single-ended input pins and from one internal, single-
ended voltage channel coming from the internal temperature sensor. Single-ended voltage
inputs are referred to 0V (GND).
The ADC contains a Sample and Hold circuit which ensures that the input voltage to the ADC is
held at a constant level during conversion. A block diagram of the ADC is shown in Figure 17-1
on page 159.
There is a separate analog supply voltage pin for the ADC, AV
CC. Analog supply voltage is con-
nected to the ADC via a passive switch. The voltage difference between supply voltage pins V
CC
and AV
CC may not exceed. See section “ADC Noise Canceler” on page 165 on how to connect
the analog suplly voltage pin.
Internal reference voltage of nominally 1.1V is provided on-chip. Alternatively, V
CC can be used
as reference voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com