Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny48-MU Datasheet(PDF) 186 Page - ATMEL Corporation

Part # ATtiny48-MU
Description  8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
PDF  266 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny48-MU Datasheet(HTML) 186 Page - ATMEL Corporation

Back Button ATtiny48-MU Datasheet HTML 182Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 183Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 184Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 185Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 186Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 187Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 188Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 189Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 190Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 266 page
background image
186
8008C–AVR–03/09
ATtiny48/88
Note:
1. The default value of SUT1..0 results in maximum start-up time for the default clock source.
See Table 6-4 on page 28 for details.
2. The default setting of CKSEL1..0 results in internal oscillator @ 8 MHz. See Table 6-3 on page
28 for details.
3. The CKOUT Fuse allows the system clock to be output on PORTB0. See “Clock Output Buffer”
on page 30 for details.
4. See “System Clock Prescaler” on page 30 for details.
The status of the Fuse bits is not affected by Chip Erase. Note that the Fuse bits are locked if
Lock bit1 (LB1) is programmed. Program the Fuse bits before programming the Lock bits.
20.2.1
Latching of Fuses
The fuse values are latched when the device enters programming mode and changes of the
fuse values will have no effect until the part leaves Programming mode. This does not apply to
the EESAVE Fuse which will take effect once it is programmed. The fuses are also latched on
Power-up in Normal mode.
20.3
Signature Bytes
All Atmel microcontrollers have a three-byte signature code which identifies the device. This
code can be read in both serial and parallel mode, also when the device is locked. The three
bytes reside in a separate address space. For the ATtiny48/88 the signature bytes are given in
Table 20-6.
20.4
Calibration Byte
The ATtiny48/88 has a byte calibration value for the internal oscillator. This byte resides in the
high byte of address 0x000 in the signature address space. During reset, this byte is automati-
cally written into the OSCCAL Register to ensure correct frequency of the calibrated oscillator.
Table 20-5.
Fuse Low Byte
Fuse Low Byte
Bit No
Description
Default Value
CKDIV8(4)
7
Divide clock by 8
0 (programmed)
CKOUT(3)
6
Clock output
1 (unprogrammed)
SUT1
5
Select start-up time
1 (unprogrammed)(1)
SUT0
4
Select start-up time
0 (programmed)(1)
-
3
-
1 (unprogrammed)(2)
-
2
-
1 (unprogrammed)(2)
CKSEL1
1
Select Clock source
1 (unprogrammed)(2)
CKSEL0
0
Select Clock source
0 (programmed)(2)
Table 20-6.
Device ID
Part
Signature Bytes Address
0x000
0x001
0x002
ATtiny48
0x1E
0x92
0x09
ATtiny88
0x1E
0x93
0x11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com