Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny48-MU Datasheet(PDF) 201 Page - ATMEL Corporation

Part # ATtiny48-MU
Description  8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
PDF  266 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny48-MU Datasheet(HTML) 201 Page - ATMEL Corporation

Back Button ATtiny48-MU Datasheet HTML 197Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 198Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 199Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 200Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 201Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 202Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 203Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 204Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 205Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 266 page
background image
201
8008C–AVR–03/09
ATtiny48/88
21. Electrical Characteristics
21.1
Absolute Maximum Ratings*
21.2
DC Characteristics
Operating Temperature.................................. -55
°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect
device reliability.
Storage Temperature ..................................... -65°C to +150°C
Voltage on any Pin except RESET
with respect to Ground ................................-0.5V to VCC+0.5V
Voltage on RESET with respect to Ground......-0.5V to +13.0V
Maximum Operating Voltage ............................................ 6.0V
DC Current per I/O Pin ............................................... 40.0 mA
DC Current
V
CC and GND Pins ................................ 200.0 mA
T
A = -40°C to 85°C, VCC = 1.8V to 5.5V (unless otherwise noted)
(1)
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIL
Input Low Voltage,
Except RESET pin
VCC = 1.8V – 2.4V
-0.5
0.2VCC
(2)
V
V
CC = 2.4V – 5.5V
-0.5
0.3V
CC
(2)
V
Input Low Voltage,
RESET pin as reset (3)
V
CC = 1.8V – 5.5V
-0.5
0.2V
CC
(2)
V
VIH
Input High Voltage,
Except RESET pin
V
CC = 1.8V – 2.4V
0.7V
CC
(4)
V
CC + 0.5
V
VCC = 2.4V – 5.5V
0.6VCC
(4)
VCC + 0.5
V
Input High Voltage,
RESET pin as reset (3)
VCC = 1.8V – 5.5V
0.9VCC
(4)
VCC + 0.5
V
VOL
Output Low Voltage (5),
Except High Sink I/O pins
and RESET pin as I/O (6)
IOL = 10 mA, VCC = 5V
0.7
V
IOL = 5 mA, VCC = 3V
0.5
V
IOL = 2 mA, VCC = 1.8V
0.4
V
Output Low Voltage
High Sink I/O pins (7)
IOL = 20 mA, VCC = 5V
0.7
V
IOL = 10 mA, VCC = 3V
0.5
V
IOL = 4 mA, VCC = 1.8V
0.4
V
Output Low Voltage (3)
RESET pin as I/O (6)
IOL = 2 mA, VCC = 5V
0.7
V
IOL = 1 mA, VCC = 3V
0.5
V
IOL = 0.4 mA, VCC = 1.8V
0.4
V
VOH
Output High Voltage (8),
Except High Sink I/O pins
and RESET pin as I/O (6)
IOH = -10 mA, VCC = 5V
4.3
V
IOH = -5 mA, VCC = 3V
2.5
V
IOH = -2 mA, VCC = 1.8V
1.4
V
Output HighVoltage
High Sink I/O pins (7)
IOH = -10 mA, VCC = 5V
4.3
V
IOH = -5 mA, VCC = 3V
2.5
V
IOH = -2 mA, VCC = 1.8V
1.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com