Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny48-MU Datasheet(PDF) 208 Page - ATMEL Corporation

Part # ATtiny48-MU
Description  8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
PDF  266 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny48-MU Datasheet(HTML) 208 Page - ATMEL Corporation

Back Button ATtiny48-MU Datasheet HTML 204Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 205Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 206Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 207Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 208Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 209Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 210Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 211Page - ATMEL Corporation ATtiny48-MU Datasheet HTML 212Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 266 page
background image
208
8008C–AVR–03/09
ATtiny48/88
4. fCK = CPU clock frequency
5. This requirement applies to all 2-wire serial interface operation in ATtiny48/88. Other devices connected to the 2-wire serial
bus need only obey the general f
SCL requirement.
6. The actual low period generated by the 2-wire serial interface of ATtiny48/88 is (1/fSCL - 2/fCK), thus fCK must be greater than
6 MHz for the low time requirement to be strictly met at f
SCL = 100 kHz.
7. The actual low period generated by the 2-wire serial interface of ATtiny48/88 is (1/f
SCL - 2/fCK), thus the low time requirement
will not be strictly met for fSCL > 308 kHz when fCK = 8 MHz. Still, ATtiny48/88 devices connected to the bus may communi-
cate at full speed (400 kHz) with other ATtiny48/88 devices, as well as any other device with a proper t
LOW acceptance
margin.
Figure 21-3. 2-wire Serial Bus Timing
tSU;STA
tLOW
tHIGH
tLOW
tof
tHD;STA
tHD;DAT
tSU;DAT
tSU;STO
tBUF
SCL
SDA
tr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com