Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMF8M8F4VS Datasheet(PDF) 4 Page - Hanbit Electronics Co.,Ltd

Part # HMF8M8F4VS
Description  FLASH-ROM MODULE 8MByte (8M x 8-Bit) , SMM 80Pin
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMF8M8F4VS Datasheet(HTML) 4 Page - Hanbit Electronics Co.,Ltd

  HMF8M8F4VS Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMF8M8F4VS Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMF8M8F4VS Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMF8M8F4VS Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMF8M8F4VS Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMF8M8F4VS Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMF8M8F4VS Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMF8M8F4VS Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMF8M8F4VS Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
HANBit
HMF8M8F4VS
URL: www.hbe.co.kr
HANBit Electronics Co., Ltd.
REV.02(August,2002)
4
Low Vcc Lock-Out Voltage
VLKO
1.5
V
ERASE AND PROGRAMMING PERFORMANCE
LIMITS
PARAMETER
MIN.
TYP.
MAX.
UNIT
COMMENTS
Block Erase Time
-
0.7
15
Sec
Excludes 00H programming
prior to erasure
Byte Programming Time
-
9
270
µS
Excludes system-level
overhead
Chip Programming Time
-
18
54
sec
Excludes system-level
overhead
CAPACITANCE
PARAMETER
SYMBOL
PARAMETER
DESCRIPTION
TEST SETUP
MIN.
MAX
UNIT
CIN
Input Capacitance
VIN = 0
10
pF
COUT
Output Capacitance
VOUT = 0
10
pF
CIN2
Control Pin Capacitance
VIN = 0
10
pF
Notes: Test conditions TA = 25
o C, f=1.0 MHz.
AC CHARACTERISTICS
u Read Only Operations Characteristics
PARAMETER
SYMBOLS
CL=100pF
-90
-100
-120
JEDEC
STANDARD
DESCRIPTION
Min
Max
Min
Max
Min
Max
UNIT
tAVAV
tRC
Read Cycle Time
90
100
120
ns
tELQV
tCE
Chip Enable to Output Delay
90
100
120
ns
tGLQV
tOE
Chip Enable to Output Delay
35
40
50
ns
tEHQZ
tDF
Chip Enable to Output High-Z
30
30
30
ns
tAXQX
tQH
Output Hold Time From Addresses,
/CE or /OE, Whichever Occurs First
0
0
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com