Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DO3 Datasheet(PDF) 1 Page - HB Electronic Components

Part # DO3
Description  Heatsink DOx
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

DO3 Datasheet(HTML) 1 Page - HB Electronic Components

  DO3 Datasheet HTML 1Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Heatsink DOx type for TO-202 package.
HB brand
With no added hardware.
Trim, low profile, minimum space.
Thermal resistance value is based
on a 75°C rise in natural convection.
Info, Mechanical Outline Drawing
Part# Finish
A size
mm
(inch)
Therm.
resist.
(°C/W)
Cross
(Aavid)
DO1 Black
Anodize
12.7
(.5)
24.0 577404b00000
DO2 Black
Anodize
9.52
(.375) 27.2 577304b00000
DO3 Black
Anodize
6.35
(.25)
32.0 576904b00000
Thermal Curves
DO1:
DO2 & DO3:


Similar Part No. - DO3

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DO31 MICROCHIP-DO31 Datasheet
3Mb / 416P
16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
2016-2018
DO32 MICROCHIP-DO32 Datasheet
3Mb / 416P
16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
2016-2018
logo
ON Semiconductor
DO3308104 ONSEMI-DO3308104 Datasheet
461Kb / 28P
1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
DO3308154 ONSEMI-DO3308154 Datasheet
461Kb / 28P
1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
DO3308224 ONSEMI-DO3308224 Datasheet
461Kb / 28P
1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
More results

Similar Description - DO3

ManufacturerPart #DatasheetDescription
logo
celduc-relais
WF031100 CELDUC-WF031100 Datasheet
71Kb / 2P
HEATSINK
WF031200 CELDUC-WF031200 Datasheet
72Kb / 2P
HEATSINK
WF050000 CELDUC-WF050000 Datasheet
90Kb / 1P
HEATSINK
WF070000 CELDUC-WF070000 Datasheet
76Kb / 1P
HEATSINK
WF115100 CELDUC-WF115100 Datasheet
93Kb / 1P
HEATSINK
WF121000 CELDUC-WF121000 Datasheet
60Kb / 1P
HEATSINK
WF131100 CELDUC-WF131100 Datasheet
80Kb / 1P
HEATSINK
WF152100 CELDUC-WF152100 Datasheet
86Kb / 1P
HEATSINK
WF160000 CELDUC-WF160000 Datasheet
48Kb / 1P
HEATSINK
WF262100 CELDUC-WF262100 Datasheet
74Kb / 1P
HEATSINK
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com