Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAT1038R Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HAT1038R
Description  Silicon P Channel Power MOS FET High Speed Power Switching
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT1038R Datasheet(HTML) 2 Page - Renesas Technology Corp

  HAT1038R Datasheet HTML 1Page - Renesas Technology Corp HAT1038R Datasheet HTML 2Page - Renesas Technology Corp HAT1038R Datasheet HTML 3Page - Renesas Technology Corp HAT1038R Datasheet HTML 4Page - Renesas Technology Corp HAT1038R Datasheet HTML 5Page - Renesas Technology Corp HAT1038R Datasheet HTML 6Page - Renesas Technology Corp HAT1038R Datasheet HTML 7Page - Renesas Technology Corp HAT1038R Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HAT1038R, HAT1038RJ
Preliminary
REJ03G1150-0600 Rev.6.00 Aug 25, 2009
Page 2 of 7
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage
V (BR) DSS
–60
—
—
V
ID = –10 mA, VGS = 0
Gate to source leak voltage
V (BR) GSS
±20
—
—
V
IG = ±100 μA, VDS = 0
Gate to source leak current
IGSS
—
—
±10
μA
VGS = ±16 V, VDS = 0
HAT1038R
IDSS
—
—
–1
μA
Zero gate voltage drain
current
HAT1038RJ
IDSS
—
—
–0.1
μA
VDS = –60 V, VGS = 0
HAT1038R
IDSS
—
—
—
μA
Zero gate voltage drain
current
HAT1038RJ
IDSS
—
—
–10
μA
VDS = –48 V, VGS = 0
Ta = 125
°C
Gate to source cutoff voltage
VGS (off)
–1.2
—
–2.2
V
VDS = –10 V, ID = –1 mA
RDS (on)
—
0.12
0.15
Ω
ID = –2 A, VGS = –10 V
Note 5
Static drain to source on state resistance
RDS (on)
—
0.16
0.23
Ω
ID = –2 A, VGS = –4 V
Note 5
Forward transfer admittance
|yfs|
3
4.5
—
S
ID = –2 A, VDS = –10 V
Note 5
Input capacitance
Ciss
—
600
—
pF
Output capacitance
Coss
—
290
—
pF
Reverse transfer capacitance
Crss
—
75
—
pF
VDS = –10 V
VGS = 0
f = 1 MHz
Turn-on delay time
td (on)
—
11
—
ns
Rise time
tr
—
30
—
ns
Turn-off delay time
td (off)
—
100
—
ns
Fall time
tf
—
55
—
ns
VGS = –10 V, ID = –2 A,
VDD ≅ –30 V
Body-drain diode forward voltage
VDF
—
–0.98
–1.28
V
IF = –3.5 A, VGS = 0
Note 5
Body-drain diode reverse recovery time
trr
—
70
—
ns
IF = –3.5 A, VGS = 0
diF/dt = 50 A/μs
Note: 5. Pulse test



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com