Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATxmega64A3 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATxmega64A3
Description  8/16-bit XMEGA A3 Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATxmega64A3 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATxmega64A3 Datasheet HTML 1Page - ATMEL Corporation ATxmega64A3 Datasheet HTML 2Page - ATMEL Corporation ATxmega64A3 Datasheet HTML 3Page - ATMEL Corporation ATxmega64A3 Datasheet HTML 4Page - ATMEL Corporation ATxmega64A3 Datasheet HTML 5Page - ATMEL Corporation ATxmega64A3 Datasheet HTML 6Page - ATMEL Corporation ATxmega64A3 Datasheet HTML 7Page - ATMEL Corporation ATxmega64A3 Datasheet HTML 8Page - ATMEL Corporation ATxmega64A3 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 108 page
background image
2
8068O–AVR–11/09
XMEGA A3
1.
Ordering Information
Notes:
1.
This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information.
2.
Pb-free packaging, complies to the European Directive for Restriction of Hazardous Substances (RoHS directive). Also Halide free and fully Green.
3.
For packaging information, see ”Errata” on page 90
Ordering Code
Flash
E2
SRAM
Speed (MHz)
Power Supply
Package(1)(2)(3)
Temp
ATxmega256A3-AU
256 KB + 8 KB
4 KB
16 KB
32
1.6 - 3.6V
64A
-40
°C - 85°C
ATxmega192A3-AU
192 KB + 8 KB
4 KB
16 KB
32
1.6 - 3.6V
ATxmega128A3-AU
128 KB + 8 KB
2 KB
8 KB
32
1.6 - 3.6V
ATxmega64A3-AU
64 KB + 4 KB
2 KB
4 KB
32
1.6 - 3.6V
ATxmega256A3-MH
256 KB + 8 KB
4 KB
16 KB
32
1.6 - 3.6V
64M2
ATxmega192A3-MH
192 KB + 8 KB
4 KB
16 KB
32
1.6 - 3.6V
ATxmega128A3-MH
128 KB + 8 KB
2 KB
8 KB
32
1.6 - 3.6V
ATxmega64A3-MH
64 KB + 4 KB
2 KB
4 KB
32
1.6 - 3.6V
Package Type
64A
64-lead, 14 x 14 mm Body Size, 1.0 mm Body Thickness, 0.8 mm Lead Pitch, Thin Profile Plastic Quad Flat Package (TQFP)
64M2
64-Pad, 9 x 9 x 1.0 mm Body, Lead Pitch 0.50 mm, 7.65 mm Exposed Pad, Quad Flat No-Lead Package (QFN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com