Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAT2202C Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HAT2202C
Description  Silicon N Channel MOS FET Power Switching
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2202C Datasheet(HTML) 2 Page - Renesas Technology Corp

  HAT2202C Datasheet HTML 1Page - Renesas Technology Corp HAT2202C Datasheet HTML 2Page - Renesas Technology Corp HAT2202C Datasheet HTML 3Page - Renesas Technology Corp HAT2202C Datasheet HTML 4Page - Renesas Technology Corp HAT2202C Datasheet HTML 5Page - Renesas Technology Corp HAT2202C Datasheet HTML 6Page - Renesas Technology Corp HAT2202C Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HAT2202C
REJ03G1236-0600 Rev.6.00 Oct 01, 2009
Page 2 of 6
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to Source breakdown voltage
V(BR)DSS
20
—
—
V
ID = 10 mA, VGS = 0
Gate to Source breakdown voltage
V(BR)GSS
±12
—
—
V
IG = ±100 μA, VDS = 0
Gate to Source leakage current
IGSS
—
—
±10
μA
VGS = ± 10V, VDS = 0
Drain to Source leakage current
IDSS
—
—
1
μA
VDS = 20 V, VGS = 0
Gate to Source cutoff voltage
VGS(th)
0.4
—
1.4
V
ID = 10 V, ID = 1 mA
—
31
40
m
Ω
ID = 1.5 A, VGS =4.5 V
Note3
Drain to Source on state resistance
RDS(on)
—
43
55
m
Ω
ID = 1.5 A, VGS = 2.5 V
Note3
Forward transfer admittance
|yfs|
6.5
9.5
—
S
ID = 1.5 A, VDS = 10 V
Note3
Input capacitance
Ciss
—
520
—
pF
Output capacitance
Coss
—
115
—
pF
Reverse transfer capacitance
Crss
—
60
—
pF
VDS = 10 V, VGS = 0,
f = 1 MHz
Total gate charge
Qg
—
6
—
nC
Gate to Source charge
Qgs
—
1
—
nC
Gate to Drain charge
Qgd
—
1.4
—
nC
VDD = 10 V, VGS = 4.5 V,
ID = 3 A
Turn - on delay time
td(on)
—
9
—
ns
Rise time
tr
—
8
—
ns
Turn - off delay time
td(off)
—
28
—
ns
Fall time
tf
—
6
—
ns
ID = 1.5 A,
VGS = 10 V, VDD =10 V,
RL= 6.7 Ω, Rg = 4.7 Ω
Body - Drain diode forward voltage
VDF
—
0.8
1.1
V
IF = 3 A, VGS = 0
Note3
Notes: 3. Pulse test



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com