Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT86RF212 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT86RF212
Description  Low Power 700/800/900 MHz
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF212 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT86RF212 Datasheet HTML 1Page - ATMEL Corporation AT86RF212 Datasheet HTML 2Page - ATMEL Corporation AT86RF212 Datasheet HTML 3Page - ATMEL Corporation AT86RF212 Datasheet HTML 4Page - ATMEL Corporation AT86RF212 Datasheet HTML 5Page - ATMEL Corporation AT86RF212 Datasheet HTML 6Page - ATMEL Corporation AT86RF212 Datasheet HTML 7Page - ATMEL Corporation AT86RF212 Datasheet HTML 8Page - ATMEL Corporation AT86RF212 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 171 page
background image
2
8168B-MCU Wireless-02/09
AT86RF212
1 Overview
The AT86RF212 is a low-power, low-voltage 700/800/900 MHz transceiver specially
designed for the IEEE Standard 802.15.4, ZigBee, 6LoWPAN, and high data rate ISM
applications. For the sub-1 GHz bands, it supports low data rates (20 and 40 kbit/s) of
the IEEE Standard 802.15.4-2003 [2] and provides optional data rates (100 and 250
kbit/s) using O-QPSK, according to the IEEE Standard 802.15.4-2006 [1] and the
respective IEEE P802.15.4c Draft Amendment [3]. Furthermore, proprietary High Data
Rate Modes up to 1000 kbit/s can be employed.
The AT86RF212 is a true SPI-to-antenna solution. RF-critical components except the
antenna, crystal, and de-coupling capacitors are integrated on-chip. MAC and AES
hardware accelerators improve overall system power efficiency and timing.
1.1 General Circuit Description
The AT86RF212 single-chip RF transceiver provides a complete radio interface
between the antenna and the microcontroller. It comprises the analog radio part, digital
modulation and demodulation including time and frequency synchronization, as well as
data buffering. The number of external components is minimized so that only the
antenna, a filter (at high output power levels), the crystal, and four bypass capacitors
are required. The bidirectional differential antenna pins are used in common for RX and
TX, i.e. no external antenna switch is needed. Control of an external power amplifier is
supported by two digital control signals (differential operation). The transceiver block
diagram is shown in Figure 1-1.
The receiver path is based on a low-IF architecture. After channel filtering and down-
conversion the low-IF signal is sampled and applied to the digital signal processing part.
Communication between transmitter and receiver is based on direct sequence spread
spectrum with different modulation schemes and spreading codes. The AT86RF212
supports the IEEE 802.15.4-2006 standard mandatory BPSK modulation and optional
O-QPSK modulation in the 868.3 MHz and 915 MHz bands. In addition it supports the
O-QPSK modulation defined in IEEE P802.15.4c for the Chinese 780 MHz band.
For applications not necessarily targeting IEEE compliant networks the radio
transceiver supports proprietary High Data Rate Modes based on O-QPSK.
A single 128 byte TRX buffer stores receive or transmit data.
The AT86RF212 features hardware supported 128 bit security operation. The
standalone AES encryption/decryption engine can be accessed in parallel to all PHY
operational modes. Configuration of the AT86RF212, reading, and writing of data
memory as well as the AES hardware engine are controlled by the SPI interface and
additional control signals.
On-chip low-dropout voltage regulators provide the analog and digital 1.8 V power
supply. Control registers retain their settings in SLEEP mode when the regulators are
turned off. The RX and TX signal processing paths are highly integrated and optimized
for low power consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com