Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24C01B Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT24C01B
Description  Two-wire Automotive Temperature Serial EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C01B Datasheet(HTML) 3 Page - ATMEL Corporation

  AT24C01B_09 Datasheet HTML 1Page - ATMEL Corporation AT24C01B_09 Datasheet HTML 2Page - ATMEL Corporation AT24C01B_09 Datasheet HTML 3Page - ATMEL Corporation AT24C01B_09 Datasheet HTML 4Page - ATMEL Corporation AT24C01B_09 Datasheet HTML 5Page - ATMEL Corporation AT24C01B_09 Datasheet HTML 6Page - ATMEL Corporation AT24C01B_09 Datasheet HTML 7Page - ATMEL Corporation AT24C01B_09 Datasheet HTML 8Page - ATMEL Corporation AT24C01B_09 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
8517C–SEEPR–01/09
AT24C01B/02B/04B/08B
4.
Pin Description
SERIAL CLOCK (SCL): The SCL input is used to positive edge clock data into each EEPROM
device and negative edge clock data out of each device.
SERIAL DATA (SDA): The SDA pin is bi-directional for serial data transfer. This pin is open-
drain driven and may be wire-ORed with any number of other open-drain or open-collector
devices.
DEVICE/PAGE ADDRESSES (A2, A1, A0): The A2, A1 and A0 pins are device address inputs
that are hard wired for the AT24C01B/02B/04B. As many as eight 1K/2K devices may be
addressed on a single bus system (device addressing is discussed in detail under the Device
Addressing section). The AT24C04B uses the A2 and A1 inputs for hardwire addressing and a
total of four 4K devices may be addressed on a single bus system. The A0 pin is a no connect.
The AT24C08B only uses the A2 input for hardwire addressing and a total of two 8K devices
may be addressed on a single bus system. The A0 and A1 pins are no connect.
WRITE PROTECT (WP): The AT24C01B/02B/04B/08B has a Write Protect pin that provides
hardware data protection. The Write Protect pin allows normal read/write operations when con-
nected to ground (GND). When the Write Protect pin is connected to V
CC, the write protection
feature is enabled and operates as shown in the following table.
5.
Memory Organization
AT24C01B, 1K SERIAL EEPROM: Internally organized with 16 pages of 8 bytes each, the 1K
requires a 7-bit data word address for random word addressing.
AT24C02B, 2K SERIAL EEPROM: Internally organized with 32 pages of 8 bytes each, the 2K
requires an 8-bit data word address for random word addressing.
AT24C04B, 4K SERIAL EEPROM: Internally organized with 32 pages of 16 bytes each, the 4K
requires a 9-bit data word address for random word addressing.
AT24C08B, 8K SERIAL EEPROM: Internally organized with 64 pages of 16 bytes each, the 8K
requires a 10-bit data word address for random word addressing.
Table 4-1.
Write Protect
WP Pin
Status
Part of the Array Protected
AT24C01B/02B/04B/08B
At VCC
Full Array
At GND
Normal Read/Write Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com