Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega48PA Datasheet(PDF) 68 Page - ATMEL Corporation

Part # ATmega48PA
Description  8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
PDF  448 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega48PA Datasheet(HTML) 68 Page - ATMEL Corporation

Back Button ATmega48PA Datasheet HTML 64Page - ATMEL Corporation ATmega48PA Datasheet HTML 65Page - ATMEL Corporation ATmega48PA Datasheet HTML 66Page - ATMEL Corporation ATmega48PA Datasheet HTML 67Page - ATMEL Corporation ATmega48PA Datasheet HTML 68Page - ATMEL Corporation ATmega48PA Datasheet HTML 69Page - ATMEL Corporation ATmega48PA Datasheet HTML 70Page - ATMEL Corporation ATmega48PA Datasheet HTML 71Page - ATMEL Corporation ATmega48PA Datasheet HTML 72Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 448 page
background image
68
8161D–AVR–10/09
ATmega48PA/88PA/168PA/328P
0x3C01
out
SPH,r16
; Set Stack Pointer to top of RAM
0x3C02
ldi
r16,low(RAMEND)
0x3C03
out
SPL,r16
0x3C04
sei
; Enable interrupts
0x3C05
<instr>
xxx
When the BOOTRST Fuse is programmed, the Boot section size set to 2K bytes and the IVSEL
bit in the MCUCR Register is set before any interrupts are enabled, the most typical and general
program setup for the Reset and Interrupt Vector Addresses in ATmega328P is:
Address
Labels Code
Comments
;
.org 0x3C00
0x3C00
jmp
RESET
; Reset handler
0x3C02
jmp
EXT_INT0
; IRQ0 Handler
0x3C04
jmp
EXT_INT1
; IRQ1 Handler
...
...
...
;
0x3C32
jmp
SPM_RDY
; Store Program Memory Ready Handler
;
0x3C33
RESET: ldi
r16,high(RAMEND); Main program start
0x3C34
out
SPH,r16
; Set Stack Pointer to top of RAM
0x3C35
ldi
r16,low(RAMEND)
0x3C36
out
SPL,r16
0x3C37
sei
; Enable interrupts
0x3C38
<instr>
xxx
11.5
Register Description
11.5.1
Moving Interrupts Between Application and Boot Space, ATmega88PA, ATmega168PA and ATmega328P
The MCU Control Register controls the placement of the Interrupt Vector table.
11.5.2
MCUCR – MCU Control Register
• Bit 1 – IVSEL: Interrupt Vector Select
When the IVSEL bit is cleared (zero), the Interrupt Vectors are placed at the start of the Flash
memory. When this bit is set (one), the Interrupt Vectors are moved to the beginning of the Boot
Loader section of the Flash. The actual address of the start of the Boot Flash Section is deter-
mined by the BOOTSZ Fuses. Refer to the section ”Boot Loader Support – Read-While-Write
Self-Programming, ATmega88PA, ATmega168PA and ATmega328P” on page 277 for details.
To avoid unintentional changes of Interrupt Vector tables, a special write procedure must be fol-
lowed to change the IVSEL bit:
a.
Write the Interrupt Vector Change Enable (IVCE) bit to one.
b.
Within four cycles, write the desired value to IVSEL while writing a zero to IVCE.
Interrupts will automatically be disabled while this sequence is executed. Interrupts are disabled
in the cycle IVCE is set, and they remain disabled until after the instruction following the write to
Bit
76543
210
0x35 (0x55)
–
BODS
BODSE
PUD
–
–
IVSEL
IVCE
MCUCR
Read/Write
R
R
R
R/W
R
R
R/W
R/W
Initial Value
00000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com