Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega48PA Datasheet(PDF) 261 Page - ATMEL Corporation

Part # ATmega48PA
Description  8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
PDF  448 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega48PA Datasheet(HTML) 261 Page - ATMEL Corporation

Back Button ATmega48PA Datasheet HTML 257Page - ATMEL Corporation ATmega48PA Datasheet HTML 258Page - ATMEL Corporation ATmega48PA Datasheet HTML 259Page - ATMEL Corporation ATmega48PA Datasheet HTML 260Page - ATMEL Corporation ATmega48PA Datasheet HTML 261Page - ATMEL Corporation ATmega48PA Datasheet HTML 262Page - ATMEL Corporation ATmega48PA Datasheet HTML 263Page - ATMEL Corporation ATmega48PA Datasheet HTML 264Page - ATMEL Corporation ATmega48PA Datasheet HTML 265Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 448 page
background image
261
8161D–AVR–10/09
ATmega48PA/88PA/168PA/328P
23.7
ADC Conversion Result
After the conversion is complete (ADIF is high), the conversion result can be found in the ADC
Result Registers (ADCL, ADCH).
For single ended conversion, the result is
where V
IN is the voltage on the selected input pin and VREF the selected voltage reference (see
Table 23-3 on page 262 and Table 23-4 on page 263). 0x000 represents analog ground, and
0x3FF represents the selected reference voltage minus one LSB.
23.8
Temperature Measurement
The temperature measurement is based on an on-chip temperature sensor that is coupled to a
single ended ADC8 channel. Selecting the ADC8 channel by writing the MUX3..0 bits in ADMUX
register to "1000" enables the temperature sensor. The internal 1.1V voltage reference must
also be selected for the ADC voltage reference source in the temperature sensor measurement.
When the temperature sensor is enabled, the ADC converter can be used in single conversion
mode to measure the voltage over the temperature sensor.
The measured voltage has a linear relationship to the temperature as described in Table 23-2.
The voltage sensitivity is approximately 1 mV/°C and the accuracy of the temperature measure-
ment is +/- 10°C.
The values described in Table 23-2 are typical values. However, due to the process variation the
temperature sensor output voltage varies from one chip to another. To be capable of achieving
more accurate results the temperature measurement can be calibrated in the application soft-
ware. The software calibration requires that a calibration value is measured and stored in a
register or EEPROM for each chip, as a part of the production test. The software calibration can
be done utilizing the formula:
T = { [(ADCH << 8) | ADCL] - T
OS} / k
where ADCn are the ADC data registers, k is a fixed coefficient and T
OS is the temperature sen-
sor offset value determined and stored into EEPROM as a part of the production test.
ADC
V
IN
1024
⋅
V
REF
--------------------------
=
Table 23-2.
Temperature vs. Sensor Output Voltage (Typical Case)
Temperature /
°C-45°C+25°C+85°C
Voltage / mV
242 mV
314 mV
380 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com