Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega48PA Datasheet(PDF) 314 Page - ATMEL Corporation

Part # ATmega48PA
Description  8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
PDF  448 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega48PA Datasheet(HTML) 314 Page - ATMEL Corporation

Back Button ATmega48PA Datasheet HTML 310Page - ATMEL Corporation ATmega48PA Datasheet HTML 311Page - ATMEL Corporation ATmega48PA Datasheet HTML 312Page - ATMEL Corporation ATmega48PA Datasheet HTML 313Page - ATMEL Corporation ATmega48PA Datasheet HTML 314Page - ATMEL Corporation ATmega48PA Datasheet HTML 315Page - ATMEL Corporation ATmega48PA Datasheet HTML 316Page - ATMEL Corporation ATmega48PA Datasheet HTML 317Page - ATMEL Corporation ATmega48PA Datasheet HTML 318Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 448 page
background image
314
8161D–AVR–10/09
ATmega48PA/88PA/168PA/328P
Notes:
1. “Max” means the highest value where the pin is guaranteed to be read as low
2. “Min” means the lowest value where the pin is guaranteed to be read as high
3. Although each I/O port can sink more than the test conditions (20 mA at VCC = 5V, 10 mA at VCC = 3V) under steady state
conditions (non-transient), the following must be observed:
ATmega48PA/88PA/168PA/328P:
1] The sum of all IOL, for ports C0 - C5, ADC7, ADC6 should not exceed 100 mA.
2] The sum of all IOL, for ports B0 - B5, D5 - D7, XTAL1, XTAL2 should not exceed 100 mA.
3] The sum of all I
OL, for ports D0 - D4, RESET should not exceed 100 mA.
If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater
than the listed test condition.
4. Although each I/O port can source more than the test conditions (20 mA at V
CC = 5V, 10 mA at VCC = 3V) under steady state
conditions (non-transient), the following must be observed:
ATmega48PA/88PA/168PA/328P:
1] The sum of all I
OH, for ports C0 - C5, D0- D4, ADC7, RESET should not exceed 150 mA.
2] The sum of all IOH, for ports B0 - B5, D5 - D7, ADC6, XTAL1, XTAL2 should not exceed 150 mA.
If II
OH exceeds the test condition, VOH may exceed the related specification. Pins are not guaranteed to source current
greater than the listed test condition.
28.2.1
ATmega48PA DC Characteristics
Notes:
1. Values with “Minimizing Power Consumption” enabled (0xFF).
2. Typical values at 25
°C. Maximum values are characterized values and not test limits in production.
3. The current consumption values include input leakage current.
R
RST
Reset Pull-up Resistor
30
60
k
Ω
RPU
I/O Pin Pull-up Resistor
20
50
k
Ω
VACIO
Analog Comparator
Input Offset Voltage
VCC = 5V
Vin = VCC/2
<10
40
mV
IACLK
Analog Comparator
Input Leakage Current
VCC = 5V
Vin = VCC/2
-50
50
nA
tACID
Analog Comparator
Propagation Delay
VCC = 2.7V
VCC = 4.0V
750
500
ns
T
A = -40°C to 85°C, VCC = 1.8V to 5.5V (unless otherwise noted) (Continued)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
T
A = -40°C to 85°C, VCC = 1.8V to 5.5V (unless otherwise noted)
Symbol
Parameter
Condition
Min.
Typ.(2)
Max.
Units
ICC
Power Supply Current(1)
Active 1 MHz, VCC = 2V
0.2
0.5
mA
Active 4 MHz, VCC = 3V
1.2
2.5
mA
Active 8 MHz, VCC = 5V
4.0
9
mA
Idle 1 MHz, VCC = 2V
0.03
0.15
mA
Idle 4 MHz, VCC = 3V
0.21
0.7
mA
Idle 8 MHz, VCC = 5V
0.9
2.7
mA
Power-save mode(3)
32 kHz TOSC enabled,
VCC = 1.8V
0.75
µA
32 kHz TOSC enabled,
VCC = 3V
0.9
µA
Power-down mode(3)
WDT enabled, VCC = 3V
3.9
8
µA
WDT disabled, VCC = 3V
0.1
2
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com