Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega48PA Datasheet(PDF) 404 Page - ATMEL Corporation

Part # ATmega48PA
Description  8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
PDF  448 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega48PA Datasheet(HTML) 404 Page - ATMEL Corporation

Back Button ATmega48PA Datasheet HTML 400Page - ATMEL Corporation ATmega48PA Datasheet HTML 401Page - ATMEL Corporation ATmega48PA Datasheet HTML 402Page - ATMEL Corporation ATmega48PA Datasheet HTML 403Page - ATMEL Corporation ATmega48PA Datasheet HTML 404Page - ATMEL Corporation ATmega48PA Datasheet HTML 405Page - ATMEL Corporation ATmega48PA Datasheet HTML 406Page - ATMEL Corporation ATmega48PA Datasheet HTML 407Page - ATMEL Corporation ATmega48PA Datasheet HTML 408Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 404 / 448 page
background image
404
8161D–AVR–10/09
ATmega48PA/88PA/168PA/328P
29.4.3
ATmega328P Supply Current of IO Modules
The tables and formulas below can be used to calculate the additional current consumption for
the different I/O modules in Active and Idle mode. The enabling or disabling of the I/O modules
are controlled by the Power Reduction Register. See ”Power Reduction Register” on page 42 for
details.
It is possible to calculate the typical current consumption based on the numbers from Table 29-8
on page 404 for other V
CC and frequency settings than listed in Table 29-7 on page 404.
Example
Calculate the expected current consumption in idle mode with TIMER1, ADC, and SPI enabled
at V
CC = 2.0V and F = 1MHz. From Table 29-8 on page 404, third column, we see that we need
to add 14.5% for the TIMER1, 22.1% for the ADC, and 15.7% for the SPI module. Reading from
Figure 29-145 on page 402, we find that the idle current consumption is ~0.055 mA at V
CC =
2.0V and F = 1MHz. The total current consumption in idle mode with TIMER1, ADC, and SPI
enabled, gives:
Table 29-7.
ATmega328P: Additional Current Consumption for the different I/O modules
(absolute values)
PRR bit
Typical numbers
VCC = 2V, F = 1MHz
VCC = 3V, F = 4MHz
VCC = 5V, F = 8MHz
PRUSART0
3.20 µA
22.17 µA
100.25 µA
PRTWI
7.34 µA
46.55 µA
199.25 µA
PRTIM2
7.34 µA
50.79 µA
224.25 µA
PRTIM1
6.19 µA
41.25 µA
176.25 µA
PRTIM0
1.89 µA
14.28 µA
61.13 µA
PRSPI
6.94 µA
43.84 µA
186.50 µA
PRADC
8.66 µA
61.80 µA
295.38 µA
Table 29-8.
ATmega328P: Additional Current Consumption (percentage) in Active and Idle
mode
PRR bit
Additional Current consumption
compared to Active with external
clock (see Figure 29-139 on page
399 and Figure 29-140 on page
399)
Additional Current consumption
compared to Idle with external
clock (see Figure 29-144 on page
401 and Figure 29-145 on page
402)
PRUSART0
1.4 %
7.8%
PRTWI
3.0 %
16.6 %
PRTIM2
3.3 %
17.8 %
PRTIM1
2.7 %
14.5 %
PRTIM0
0.9 %
4.8 %
PRSPI
2.9 %
15.7 %
PRADC
4.1 %
22.1 %
ICCtotal
0.045 mA (1 + 0.145 + 0.221 + 0.157)
⋅
0.069 mA
≈≈



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com