Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega48PA Datasheet(PDF) 440 Page - ATMEL Corporation

Part # ATmega48PA
Description  8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
PDF  448 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega48PA Datasheet(HTML) 440 Page - ATMEL Corporation

Back Button ATmega48PA Datasheet HTML 436Page - ATMEL Corporation ATmega48PA Datasheet HTML 437Page - ATMEL Corporation ATmega48PA Datasheet HTML 438Page - ATMEL Corporation ATmega48PA Datasheet HTML 439Page - ATMEL Corporation ATmega48PA Datasheet HTML 440Page - ATMEL Corporation ATmega48PA Datasheet HTML 441Page - ATMEL Corporation ATmega48PA Datasheet HTML 442Page - ATMEL Corporation ATmega48PA Datasheet HTML 443Page - ATMEL Corporation ATmega48PA Datasheet HTML 444Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 440 / 448 page
background image
440
8161D–AVR–10/09
ATmega48PA/88PA/168PA/328P
35.4
Rev. 8161A – 11/08
6.
Updated ”Interrupts” on page 57.
7.
Updated ”External Interrupts” on page 70.
8.
Inserted Typical characteristics for ”ATmega48PA Typical Characteristics” on page 327.
9.
Updated figure names in Typical characteristics for ”ATmega88PA Typical Character-
istics” on page 351.
10.
Inserted ”ATmega48PA DC Characteristics” on page 314.
11.
Updated Table 28-1 on page 317 by removing the footnote from Vcc/User calibration
12.
Updated Table 28-7 on page 323 by removing Max value (2.5 LSB) from Absolute
accuracy, V
REF = 4V, VCC = 4V, ADC clock = 200 kHz.
13.
Inserted Ordering Information for ”ATmega48PA” on page 430.
1.
Initial revision (Based on the ATmega48P/88P/168P/328P datasheet 8025F-AVR-08/08).
2.
Changes done compared to ATmega48P/88P/168P/328P datasheet 8025F-AVR-08/08:
– Updated ”DC Characteristics” on page 313 with new typical values for I
CC.
– Updated ”Speed Grades” on page 316.
– New graphics in ”Typical Characteristics” on page 326.
–New ”Ordering Information” on page 430.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com