Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega88PA Datasheet(PDF) 18 Page - ATMEL Corporation

Part # ATmega88PA
Description  8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
PDF  448 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega88PA Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button ATmega88PA Datasheet HTML 14Page - ATMEL Corporation ATmega88PA Datasheet HTML 15Page - ATMEL Corporation ATmega88PA Datasheet HTML 16Page - ATMEL Corporation ATmega88PA Datasheet HTML 17Page - ATMEL Corporation ATmega88PA Datasheet HTML 18Page - ATMEL Corporation ATmega88PA Datasheet HTML 19Page - ATMEL Corporation ATmega88PA Datasheet HTML 20Page - ATMEL Corporation ATmega88PA Datasheet HTML 21Page - ATMEL Corporation ATmega88PA Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 448 page
background image
18
8161D–AVR–10/09
ATmega48PA/88PA/168PA/328P
7.3
SRAM Data Memory
Figure 7-3 shows how the ATmega48PA/88PA/168PA/328P SRAM Memory is organized.
The ATmega48PA/88PA/168PA/328P is a complex microcontroller with more peripheral units
than can be supported within the 64 locations reserved in the Opcode for the IN and OUT
instructions. For the Extended I/O space from 0x60 - 0xFF in SRAM, only the ST/STS/STD and
LD/LDS/LDD instructions can be used.
The lower 768/1280/1280/2303 data memory locations address both the Register File, the I/O
memory, Extended I/O memory, and the internal data SRAM. The first 32 locations address the
Register File, the next 64 location the standard I/O memory, then 160 locations of Extended I/O
memory, and the next 512/1024/1024/2048 locations address the internal data SRAM.
The five different addressing modes for the data memory cover: Direct, Indirect with Displace-
ment, Indirect, Indirect with Pre-decrement, and Indirect with Post-increment. In the Register
File, registers R26 to R31 feature the indirect addressing pointer registers.
The direct addressing reaches the entire data space.
The Indirect with Displacement mode reaches 63 address locations from the base address given
by the Y- or Z-register.
When using register indirect addressing modes with automatic pre-decrement and post-incre-
ment, the address registers X, Y, and Z are decremented or incremented.
The 32 general purpose working registers, 64 I/O Registers, 160 Extended I/O Registers, and
the 512/1024/1024/2048 bytes of internal data SRAM in the ATmega48PA/88PA/168PA/328P
are all accessible through all these addressing modes. The Register File is described in ”Gen-
eral Purpose Register File” on page 11.
Figure 7-3.
Data Memory Map
32 Registers
64 I/O Registers
Internal SRAM
(512/1024/1024/2048 x 8)
0x0000 - 0x001F
0x0020 - 0x005F
0x04FF/0x04FF/0x0FF/0x08FF
0x0060 - 0x00FF
Data Memory
160 Ext I/O Reg.
0x0100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com