Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATVaultIC460-R Datasheet(PDF) 19 Page - ATMEL Corporation

Part # ATVaultIC460-R
Description  Public Key Pair Generation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATVaultIC460-R Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button ATVaultIC460-R Datasheet HTML 15Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 16Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 17Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 18Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 19Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 20Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 21Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 22Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
19
TPR0441BX–SMS–09/09
ATVaultIC460
3.6
Pin & Package Configuration
3.6.1
Pin Configuration
Table 3-9.
Pin List Configuration
Others pins are not connected (do not connect to GND).
Designation
Pin #
Description
QFN 44
SOIC8/USB
SOIC8/SPI
SOIC8/ISO
SPI_SCK
1
-
5-
SPI clock
ISO_CLK
2
--
5
ISO7816 Clock
USB_XOUT
3
6-
-
Resonator Signal Input
USB_XIN
5
7-
-
Resonator Signal Output
RST
6
-6
7
CPU reset
GPIO5
7
--
-
General Purpose IO 5
GPIO6
8
--
-
General Purpose IO 6
GPIO7
9
--
-
General Purpose IO 7
VCC
10,25,44
87
8
Power supply
GPIO0
12
--
-
General Purpose IO 0 / I²C Address
MISO
13
-8
-
SPI Master Input Slave Output
RTC_XOUT
15
--
-
Crystal signal Input
RTC_XIN
16
--
-
Crystal signal Output
VBAT
19
--
-
Power Battery
MOSI
21
-1
-
SPI Master Output Slave Input
GPIO1
22
--
-
General Purpose IO 1 / I²C Address
GND
24
12
1
Ground (reference voltage)
GPIO2
29
--
-
General Purpose IO 2 / I²C Address
SS / SCL
30
23
2
SPI Slave Select or I²C SC
SPI_SEL / SDA / IO0
31
34
3
SPI/I²C selection PIN or I²C SDA or
ISO7816 IO0
GPIO3
32
--
-
General Purpose IO 3 / I²C Address
GPIO4
33
--
4
General Purpose IO 4
USB_DM
35
4-
-
USB D- differential data
USB_DP
43
5-
-
USB D+ differential data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com