Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S12LR2C Datasheet(PDF) 2 Page - HB Electronic Components

Part # S12LR2C
Description  LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

S12LR2C Datasheet(HTML) 2 Page - HB Electronic Components

  S12LR2C Datasheet HTML 1Page - HB Electronic Components S12LR2C Datasheet HTML 2Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Hebei I.T. (Shanghai) Co., Ltd.
www.ledz.com
LED SPECIFICATION
Page: 2 of 2
Part No.:
Absolute maximum ratings(Ta = 25℃)
Value
Parameter
Symbol
Test Condition
Min.
Max.
Unit
DC Forward Current
IF
----
----
350
mA
Peak Pulse Current
Ipeak
Duty=0.1mS,1kHz
----
500
mA
Power Dissipation
Pd
----
----
0.98
W
LED Junction Temperature
Tj
----
----
120
℃
Operating Temperature
Topr
----
-25
+100
℃
Storage T emperature
Tstr
----
-40
+120
℃
ESD Sensitivity
---
HBM
8000
----
V
Soldering Temperature
---
----
260℃ for 5 Seconds max
Electrical and optical characteristics (Ta = 25℃)
Value
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
----
2.5
3
V
Luminous Flux
Φ
v
30
----
----
lm
Viewing Angle
2θ1/2
----
120
----
Deg.
Dominant Wavelength
λ
d
IF = 350mA
620
----
630
nm
Luminous Flux Bins(Ta = 25℃)
Unit: lm
Bin
G
H
Min
30
40
Max
40
50
Dominant Wavelength-λd(Ta = 25℃)
Unit: nm
Bin
A
V
O
U
Min
600
610
620
630
Max
610
620
630
640



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com