Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR4045 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MBR4045
Description  SWITCHMODE??Power Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBR4045 Datasheet(HTML) 2 Page - Motorola, Inc

  MBR4045 Datasheet HTML 1Page - Motorola, Inc MBR4045 Datasheet HTML 2Page - Motorola, Inc MBR4045 Datasheet HTML 3Page - Motorola, Inc MBR4045 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBR4045PT
2
Rectifier Device Data
ELECTRICAL CHARACTERISTICS
Rating
Symbol
Max
Unit
Instantaneous Forward Voltage (1)
@ IF = 20 Amps, TC = 25°C
@ IF = 20 Amps, TC = 125°C
@ IF = 40 Amps, TC = 25°C
@ IF = 40 Amps, TC = 125°C
VF
0.70
0.60
0.80
0.75
Volts
Instantaneous Reverse Current (1)
@ Rated DC Voltage, TC = 25°C
@ Rated DC Voltage, TC = 100°C
IR
1.0
50
mA
(1) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 1. Typical Forward Voltage
Figure 2. Typical Reverse Current
Figure 3. Typical Capacitance Per Leg
Figure 4. Current Derating Per Leg
VR, REVERSE VOLTAGE (VOLTS)
vF, INSTANTANEOUS FORWARD VOLTAGE (mV)
VR, REVERSE VOLTAGE (VOLTS)
TC, CASE TEMPERATURE (°C)
100
10
1
800
700
600
500
400
300
200
100
TC = 150°C
TC = 100°C
TC = 25°C
TC = 150°C
TC = 100°C
TC = 25°C
100
010
20
30
40
50
10
1
0.1
0.01
10000
1
1000
100
10
100
30
100
25
20
15
10
5
0
110
120
130
140
150
160
SQUARE WAVE
(VR = 45 V)
DC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com