Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RKD703KK Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RKD703KK
Description  Silicon Schottky Barrier Diode for High Speed Switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RKD703KK Datasheet(HTML) 2 Page - Renesas Technology Corp

  RKD703KK Datasheet HTML 1Page - Renesas Technology Corp RKD703KK Datasheet HTML 2Page - Renesas Technology Corp RKD703KK Datasheet HTML 3Page - Renesas Technology Corp RKD703KK Datasheet HTML 4Page - Renesas Technology Corp RKD703KK Datasheet HTML 5Page - Renesas Technology Corp RKD703KK Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RKD703KK
REJ03G1833-0200 Rev.2.00 Nov 20, 2009
Page 2 of 5
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Repetitive peak reverse voltage
VRRM
30
V
Average forward current
IO*
1
100
mA
Non-Repetitive Peak forward surge current
IFSM *
2
200
mA
Junction temperature
Tj
125
°C
Storage temperature
Tstg
–55 to +125
°C
Notes: 1. See from Fig.4 to Fig.6.
2. 10 ms sine wave 1 pulse.
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
VF1
—
—
0.25
V
IF = 1 mA
VF2
—
—
0.30
V
IF = 5 mA
VF3
—
—
0.35
V
IF = 20 mA
Forward voltage
VF4
—
—
0.60
V
IF = 100 mA
IR1
—
—
6
μA
VR =10 V
Reverse current
IR2
—
—
50
μA
VR = 30 V
Capacitance
C
—
—
5
pF
VR = 1 V, f = 1 MHz
Thermal resistance
Rth<j-a>
—
600
—
°C/W
Polyimide board *
1
Notes
: 1. Polyimide board
Unit: mm
1.5
20h
×15w×0.8t
1.5
2. In the SFP package, some lead is exposed because the tip of the lead is used as the cutting plane. Therefore,
the solderability of the lead tip has been ignored. Please test and confirm before use.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com