Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJH60D2DPE Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RJH60D2DPE
Description  Silicon N Channel IGBT Application: Inverter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJH60D2DPE Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJH60D2DPE Datasheet HTML 1Page - Renesas Technology Corp RJH60D2DPE Datasheet HTML 2Page - Renesas Technology Corp RJH60D2DPE Datasheet HTML 3Page - Renesas Technology Corp RJH60D2DPE Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RJH60D2DPE
Preliminary
REJ03G1842-0100 Rev.1.00 Oct 14, 2009
Page 2 of 3
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Zero gate voltage collector current
/ diode reverse current
ICES / IR
—
—
100
μA
VCE = 600 V, VGE = 0
Gate to emitter leak current
IGES
—
—
±1
μA
VGE = ±30 V, VCE = 0
Gate to emitter cutoff voltage
VGE(off)
4.0
—
6.0
V
VCE = 10 V, IC = 1 mA
VCE(sat
—
1.6
2.2
V
IC = 10 A, VGE = 15 V
Note3
Collector to emitter saturation voltage
VCE(sat
—
1.8
—
V
IC = 20 A, VGE = 15 V
Note3
Input capacitance
Cies
—
430
—
pF
Output capacitance
Coes
—
35
—
pF
Reveres transfer capacitance
Cres
—
15
—
pF
VCE = 25 V
VGE = 0
f = 1 MHz
Total gate charge
Qg
—
19.1
—
nC
Gate to emitter charge
Qge
—
3.0
—
nC
Gate to collector charge
Qgc
—
9.0
—
nC
VGE = 15 V
VCE = 300 V
IC = 10 A
td(on)
—
30
—
ns
tr
—
30
—
ns
td(off)
—
50
—
ns
Switching time
tf
—
90
—
ns
IC = 10 A
RL = 30.0 Ω
VGE = 15 V
Rg = 5
Ω
FRD forward voltage
VF
—
1.8
2.3
V
IF = 10 A
Note3
FRD reverse recovery time
trr
—
100
—
ns
IF = 10 A
diF/dt = 100 A/μs
Notes: 3. Pulse test.
4. Under development
— The specifications potentially be changed without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com