Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2BC Datasheet(PDF) 1 Page - Pomona Electronics

Part # 2BC
Description  Double Banana Plug Both Ends Cable Assembly
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

2BC Datasheet(HTML) 1 Page - Pomona Electronics

  2BC Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona
®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02 (,51 mm), .xxx = ± .005 (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
6/9/99
SY/EH/LS
More drawings available at www.pomonaelectronics.com
W:\pomona\grponly\Datasheet Updates\Updates 2005\d_2BA_2BC_1_02.doc
Page 1 of 1
Model 2BA & 2BC
Double Banana Plug Both Ends
Cable Assembly
* = Cable
MATERIALS:
Banana Plugs:
Plug Bodies: Brass, Nickel Plated
Springs: Beryllium Copper, Nickel Plated
Insulation: Polypropylene Molded to the Plug Bodies and Cable. Color Matches Color of Cable
Marking: POMONA ELECTRONICS CO. INC. POMONA CALIFORNIA
Cable:
2BA: 2 Cond. Tw. 18 AWG 65 x 36 .250 (6,4) O.D., Color: Gray, Marking: 2BA-XX
2BC: RG58C/U, .195 (5,0) O.D., Color: Black, Marking: 2BC-XX
RATINGS:
Operating Temperature: +55 C Max.
Operating Voltage: 2BA
300 VRMS, 2BC
1400 VRMS
ORDERING INFORMATION: Model 2BA-XX
XX = Cable Length, Standard Lengths: 18 (457,2cm), 24 (60,96cm), 36 (91,44cm), 48 (121,92cm) &
60 (152,4cm).
Model 2BC-XX
XX = Cable Length, Standard Lengths: 24 (60,96cm), 36 (91,44cm), 48 (121,92cm) &
60 (152,4cm).
Ordering Example: 2BA-18 Cable Assembly is 18 (457,2cm), Cable is 2 Cond. Twisted Pair
Additional lengths can be quoted upon request.


Similar Part No. - 2BC

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2BC-AL POMONA-2BC-AL Datasheet
85Kb / 1P
Double Banana Plug to Alligator Clip Breakouts Cable Assembly
2BC-AL-36 POMONA-2BC-AL-36 Datasheet
85Kb / 1P
Double Banana Plug to Alligator Clip Breakouts Cable Assembly
2BC-AL-60 POMONA-2BC-AL-60 Datasheet
85Kb / 1P
Double Banana Plug to Alligator Clip Breakouts Cable Assembly
2BC-BNC POMONA-2BC-BNC Datasheet
26Kb / 1P
BNC Male To Multi-Stacking Double Banana Plug
2BC-BNC-44 POMONA-2BC-BNC-44 Datasheet
26Kb / 1P
BNC Male To Multi-Stacking Double Banana Plug
More results

Similar Description - 2BC

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2239 POMONA-2239 Datasheet
33Kb / 1P
Single Stacking Banana Plugs Both Ends Cable Assembly
2247 POMONA-2247 Datasheet
30Kb / 1P
Miniature Double Banana Plug Both Ends Cable Assembly
B-12-2 POMONA-B-12-2 Datasheet
23Kb / 1P
Stack-Up Banana Plug Both Ends
logo
3M Electronics
B-4-0 3M-B-4-0 Datasheet
42Kb / 2P
Stack-Up Banana Plug Both Ends
09-Jun-1999
B-4-4 3M-B-4-4 Datasheet
23Kb / 1P
Stack-Up Banana Plug Both Ends
09-Jun-1999
B-36-3 3M-B-36-3 Datasheet
23Kb / 1P
Stack-Up Banana Plug Both Ends
09-Jun-1999
B-48-5 3M-B-48-5 Datasheet
23Kb / 1P
Stack-Up Banana Plug Both Ends
09-Jun-1999
B-60-1 3M-B-60-1 Datasheet
23Kb / 1P
Stack-Up Banana Plug Both Ends
09-Jun-1999
B-72-0 3M-B-72-0 Datasheet
23Kb / 1P
Stack-Up Banana Plug Both Ends
09-Jun-1999
logo
List of Unclassifed Man...
BU-6161-M-24-0 ETC2-BU-6161-M-24-0 Datasheet
65Kb / 1P
Shrouded Banana Plug on Both Ends-Silicone
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com